Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4124 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GT4124
Description  GT4124 Video Multiplier with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4124 Datasheet(HTML) 2 Page - Gennum Corporation

  GT4124 Datasheet HTML 1Page - Gennum Corporation GT4124 Datasheet HTML 2Page - Gennum Corporation GT4124 Datasheet HTML 3Page - Gennum Corporation GT4124 Datasheet HTML 4Page - Gennum Corporation GT4124 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
520 - 59 - 2
PARAMETER
VALUE/UNITS
Supply Voltage (V
S
)
± 13.5 V
Operating Temperature Range
0
° C ≤ T
A
70
° C
Storage Temperature Range
-65
° C ≤ T
S
150
° C
Lead Temperature (Soldering, 10 Sec)
260
° C
Differential Video Input Voltage
±5 V
Strobe Input Voltage
V
EE
¯
≤ V
CLAMP
≤ V
CC
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
20
PIN 1
10
11
+IN B
-IN A
+IN A
GND
C
OS1
+V
S
C
OS2
-V
S
C
HOLD
R
EXT
PIN CONNECTIONS
V
CONT
V
REF
-IN B
OUTPUT
CLAMP
REF
CLAMP
SIG
Supply Voltage
± V
S
Operating Range
± 9
± 10
± 12
volts
POWER
Supply Current (pos)
I
+
R
EXT
= 1 k
-24
28
mA
SUPPLIES
Supply Current (neg)
I
-
R
EXT
= 1 k
-18
20
mA
Small Signal Bandwidth
BW
at
± 0.1 dB V
SIG
= 150 mVp-p
25
30
-
MHz
Full Power Bandwidth
BW
at -3.0 dB V
SIG
= 1 V p-p
20
25
-
MHz
Frequency Response
DC - 10 MHz
-
± 0.05
-
dB
Differential Gain
∂g
V
IN
= 40 IRE at 3.58 MHz
-
0.01
0.03
%
Differential Phase
∂p
V
IN
= 40 IRE at 3.58 MHz
-
0.01
0.03
degrees
SIGNAL
Signal to Noise
S/N
V
SIG
= 1 volt, BW = 5 MHz
64
70
-
dB
CHANNEL
Gain - open loop
A
OL
100 kHz (ß = 0%)
54
60
66
dB
Gain - closed loop
A
CL
100 kHz (ß = 100%)
-0.01
-0.005
-
dB
Phase Delay
td
SIG
--
10
ns
Off Isolation & Crosstalk
V
A or B
/V
O
ƒ
SIG
= 5 MHz (see note 1)
80
85
-
dB
V
C
/V
A or B
ƒ
SIG
= 5 MHz (see note 2)
90
95
-
dB
Bandwidth
BW
at
± 0.1 dB V
SIG
= 150 mVp-p
25
30
-
MHz
CONTROL
Phase Delay
t
d CONT
--
10
ns
CHANNEL
Linearity
-1
-
%
Control Breakthrough
V
CONT
= 0-1 V ƒ = 1-10 MHz
-
-55
-50
dB
Crossfade Balance
V
CONT
= 0-1 V ƒ = 3.58 MHz
-
3
5
mVpp
Control Range
V
CONT
-5
-
+5
V
Strobe Pulse Width
500
1000
-
ns
Strobe Level
V
INHI
2.0
-
-
V
V
INLO
-
-
0.8
V
Clamp Accuracy
-
± 1
± 2mV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS +V
S
= -V
S
=10V, 0
°C ≤ T
A
70
°C unless otherwise shown
STROBE
20 PIN DIP / SOIC
COMP
S-1
S-2
Notes:
1.
V
A or B
= 1 Vp-p output taken from OUTPUT
2.
V
CONT
= 1 Vp-p output taken from V
A
or V
B


Similar Part No. - GT4124

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4122 GENNUM-GT4122 Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CDF GENNUM-GT4122-CDF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CKF GENNUM-GT4122-CKF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results

Similar Description - GT4124

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
Fairchild Semiconductor
AN-6024 FAIRCHILD-AN-6024 Datasheet
121Kb / 6P
   Understanding Analog Video Signal Clamps, Bias, DC-Restore, and AC or DC Coupling Methods
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com