Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4124 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GT4124
Description  GT4124 Video Multiplier with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4124 Datasheet(HTML) 1 Page - Gennum Corporation

  GT4124 Datasheet HTML 1Page - Gennum Corporation GT4124 Datasheet HTML 2Page - Gennum Corporation GT4124 Datasheet HTML 3Page - Gennum Corporation GT4124 Datasheet HTML 4Page - Gennum Corporation GT4124 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PIN DESIGNATION
1+V
S
positvive supply voltage
2C
HOLD
clamp holding capacitor
3
COMP
output freq'y comp'n R-C
4C
OS1
control input offset adjust
5C
OS2
control input offset adjust
6
S1
span adjust
7V
REF
0.5 volt reference input
8
S2
span adjust
9V
CONT
control signal input
10
GND
ground
11
STROBE
strobe input
12
R
EXT
current setting resistor
13
+IN A
A video + signal input
14
-IN A
A video - signal input
15
CLAMP SIG clamp signal
16
CLAMP REF clamp reference
17
+IN B
B video + signal input
18
-IN B
B video - signal input
19
OUTPUT
video output
20
-V
S
negative supply voltage
Document No. 520 - 59 - 2
DATA SHEET
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302 Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax: (03) 3247-8839
FEATURES
• broadcast quality video multiplier with a very accurate
back porch clamp, (less than 2mV DC offset)
• 30 MHz at -1.0dB video and control channel bandwidth
• one external frequency compensation adjustment
• ultra low differential gain and differential phase,
(typically 0.01% and 0.01 deg.)
• adjustable DC offset and span on the control input
• adjustable clamp reference level
• active low STROBE input
• 20 pin PDIP and SOIC packaging.
APPLICATIONS
• Production switcher video mixers
• Linear Keyers
GT4124 Video Multiplier
with Strobed DC Restore
Device Function: VOUT = AOL [VA (0.5+VK) + VB(0.5 - VK)] where AOL ~ 2000, VK=VCONT - VREF, AK ≈ 0.85 REXT
RSPAN
FUNCTIONAL BLOCK DIAGRAM
REXT
VREF
CONTROL
VOLTAGE
(VCONT)
+
-
- VS
GND
+IN A
- IN A
- IN B
VCA=0.5 + VK
+IN B
+VS
BIAS
AMP 3
COMP.
OUTPUT
VNOM
AMP 1
AMP 2
+
-
+
-
XA
VCB=0.5 - VK
XB
+
+
AMP 4
-
+
AK
COS1
COS2
S1
S2
0.5V
Σ2
Σ3
+
-
+
-
+
+
VK
- VK
Σ4
+
+
STROBE
CHOLD
CLAMP REF.
CLAMP SIG.
Σ1
CLAMP
VNOM
+
+
VIDEO
INPUT A
VIDEO
INPUT B
0.5V
ORDERING INFORMATION
Part Number
Package Type Temperature Range
GT4124-CDF
20 pin PDIP
0 to 70˚
GT4124-CKF
20 pin SOIC
0 to 70˚
Revision Date: February 1994
A
B
DESCRIPTION
The GT4124 multiplier is a monolithic dual-channel video
multiplier for use in the professional broadcast field.
It
incorporates a very fast and accurate strobed clamp to
insure black level accuracy.
Featuring two wideband video inputs and a single control
input, the GT4124 achieves high quality video mixing of
the two synchronized video input signals to a single output
by implementing the transfer function:
V
OUT
= V
IN
• V
C
+ V
IN
(1 - V
C
)
where V
C
is the control input voltage, which may be varied
over the control range, and VIN
A
and VIN
B
are the video
input signals.
The GT4124 operates with power supply voltages of
± 9 to
±12 volts. At a nominal supply of ± 10 volts, it draws an
average of 20 mA of current. The GT4124 is available in
20 pin PDIP and 20 pin SOIC packages.
An application note entitled "Using the GT4122 and GT4124
Video Mixer ICs" (Document 520-44) is available from
Gennum Corporation.


Similar Part No. - GT4124

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4122 GENNUM-GT4122 Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CDF GENNUM-GT4122-CDF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CKF GENNUM-GT4122-CKF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results

Similar Description - GT4124

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
Fairchild Semiconductor
AN-6024 FAIRCHILD-AN-6024 Datasheet
121Kb / 6P
   Understanding Analog Video Signal Clamps, Bias, DC-Restore, and AC or DC Coupling Methods
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com