Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4124 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GT4124
Description  GT4124 Video Multiplier with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4124 Datasheet(HTML) 5 Page - Gennum Corporation

  GT4124 Datasheet HTML 1Page - Gennum Corporation GT4124 Datasheet HTML 2Page - Gennum Corporation GT4124 Datasheet HTML 3Page - Gennum Corporation GT4124 Datasheet HTML 4Page - Gennum Corporation GT4124 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
520 - 59 - 2
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright October 1992 Gennum Corporation. . All rights reserved. Printed in Canada.
DOCUMENT
IDENTIFICATION
PRODUCT PROPOSAL
This data has been compiled for market investigation purposes
only, and does not constitute an offer for sale.
ADVANCE INFORMATION NOTE
This product is in development phase and specifications are
subject to change without notice. Gennum reserves the right to
remove the product at any time. Listing the product does not
constitute an offer for sale.
PRELIMINARY DATA SHEET
The product is in a development phase and specifications are
subject to change without notice.
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
-20
-25
-30
-35
-40
-45
-50
-55
-60
1
3
5
10
FREQUENCY (MHz)
1
10
1
10
0 .1
1
10
FREQUENCY (MHz)
Fig. 4 Crossfade Balance vs Frequency
Fig. 5 Phase Delay vs Frequency
1
3
5
10
FREQUENCY (MHz)
0.03
0.02
0.01
0.00
-0.01
-0.02
-0.03
Fig. 6 Differential Gain and Phase
vs Frequency
C
COMP
= 5pF
C
COMP
= 25pF
C
COMP
= 18 pF
dg
dp
V
CONT
= 1 V p-p +0.5 VDC
REF = 1 V p-p (0dB)
2
0
-2
-4
-6
-8
-10
-12
-14
-16


Similar Part No. - GT4124

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4122 GENNUM-GT4122 Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CDF GENNUM-GT4122-CDF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CKF GENNUM-GT4122-CKF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results

Similar Description - GT4124

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
Fairchild Semiconductor
AN-6024 FAIRCHILD-AN-6024 Datasheet
121Kb / 6P
   Understanding Analog Video Signal Clamps, Bias, DC-Restore, and AC or DC Coupling Methods
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com