Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4122-CDF Datasheet(PDF) 1 Page - Gennum Corporation

Part # GT4122-CDF
Description  GT4122 Video Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4122-CDF Datasheet(HTML) 1 Page - Gennum Corporation

  GT4122-CDF Datasheet HTML 1Page - Gennum Corporation GT4122-CDF Datasheet HTML 2Page - Gennum Corporation GT4122-CDF Datasheet HTML 3Page - Gennum Corporation GT4122-CDF Datasheet HTML 4Page - Gennum Corporation GT4122-CDF Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-VS
+VS
COMP
COS1
COS2
S1
VREF
S2
VC
GND
OUT
BOS2
-IN B
+IN B
BOS1
AOS2
-IN A
+IN A
AOS1
REXT
20
11
10
PIN 1
TOP VIEW
Document No. 520 - 25 - 4
DATA SHEET
GT4122 Video Multiplier
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax: (03) 3247-8839
DESCRIPTION
The GT4122
multiplier is a monolithic dual-channel,
broadcast quality video mixer.
Featuring two wideband video inputs and a single control
input, the GT4122 achieves high quality video mixing of
the two video input signals to a single output by implementing
the function:
VOUT = VA • VC + VB (1 - VC)
where VC is the control input voltage, which may be
varied continuously over the control range and VA and VB
are the video input signals.
The GT4122 operates with power supply voltages of
± 10
volts and typically draws 24 mA of current. The GT4122
is available in a 20 pin DIP and 20 pin SOIC packaging.
An Application Note entitled ‘Using the GT4122 and
GT4124 Video Mixer ICs’ (Gennum Document 520-44) is
available from Gennum Corporation.
FEATURES
• broadcast quality video multiplier
• 30 MHz at -1.0 dB video and control channel bandwidth
• one external frequency compensation adjustment
• ultra low differential gain and differential phase,
(typically 0.01 % and 0.01 deg.)
• external DC offset and span trims
• 20 pin PDIP and SOIC packaging
APPLICATIONS
• Production switcher video mixers
• Linear Keyers
Part No.
Package Type
Temperature
GT4122 - CDF
20 PDIP
0
° to 70°C
GT4122 - CKF
20 SOIC
0
° to 70°C
ORDERING INFORMATION
PIN CONNECTIONS
TOP VIEW
20 PIN DIP / SOIC
REXT
COS1
VREF
COS2
VC
+
-
- VS
GND
A OS2
+IN A
- IN A
B OS2
- IN B
VCA=0.5 + VK
+IN B
+VS
B OS1
A OS1
BIAS
AMP 3
S1
S 2
COMP
OUT
VNOM
AMP 1
AMP 2
+
-
+
-
XA
VCB=0.5 - VK
XB
+
+
AMP 4
-
+
AK
0.5V
Σ2
Σ3
+
-
+
-
+
+ VK
- VK
+
+
Σ1
VNOM
Device Function: VOUT = VINA • [VNOM + AK (VC - VREF)] + VINB • [VNOM - AK (VC - VREF)]
FUNCTIONAL BLOCK DIAGRAM
1-VS
negative supply voltage
2+VS
positive supply voltage
3
COMP output freq'y comp'n R-C
4COS1 control input offset adjust
5COS2 control input offset adjust
6
S1
span adjust
7VREF
0.5volt reference input
8
S2
span adjust
9
VC
control signal input
10
GND ground
11
REXT
current setting resistor
12
AOS1 A black level adjust (OFFSET)
13
+IN A A video + input signal
14
-IN A A video - signal input
15
AOS2 A black level adjust (OFFSET)
16
BOS1 B black level adjust (OFFSET)
17
+IN B B video + signal input
18
-IN B B video - signal input
19
BOS2 B black level adjust (OFFSET)
20
OUT
multiplier output
PIN DESIGNATION
Revision Date: January 1994.


Similar Part No. - GT4122-CDF

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
Two Channel Video Multipliers
GT4123-CDA GENNUM-GT4123-CDA Datasheet
150Kb / 7P
Two Channel Video Multipliers
GT4123-CKA GENNUM-GT4123-CKA Datasheet
150Kb / 7P
Two Channel Video Multipliers
GT4123A GENNUM-GT4123A Datasheet
150Kb / 7P
Two Channel Video Multipliers
More results

Similar Description - GT4122-CDF

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
MULTIPLIER-DIVIDER
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
GT4123B Two Channel Video Multiplier
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
GT4124 Video Multiplier with Strobed DC Restore
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
GaAs Multiplier Diodes Frequency Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
Current Multiplier
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com