Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4122 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GT4122
Description  GT4122 Video Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4122 Datasheet(HTML) 4 Page - Gennum Corporation

  GT4122 Datasheet HTML 1Page - Gennum Corporation GT4122 Datasheet HTML 2Page - Gennum Corporation GT4122 Datasheet HTML 3Page - Gennum Corporation GT4122 Datasheet HTML 4Page - Gennum Corporation GT4122 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
520 - 25 - 4
4
For normal video mixer operation, the control range (SPAN) is
usually 0 to 1V and will occur when A
K=1, VREF= 0.5V and
V
NOM=0.5 volts. A change in VC from 0 to 1V will then produce
an effect such that the output signal contains 100% of Channel
B when V
C is 0V and 100% of Channel A when VC is 1 volt. For
the above conditions, the general unity gain transfer function
reduces to:
V
O = VA•VC + VB•(1-VC)
Since the operation of the mixer is limited to two quadrants, no
signal inversions occur if the control voltage exceeds the
range zero to one volt in either direction. The topology is
designed so that once the control voltage reaches either end
of its range, the channel which is ON remains fully ON and the
OFF channel remains fully OFF.
0.1
or LINK
GT4122
CONTROL
OFFSET
RV2
100
C3
0.1
COUT
-5V
C6 0.1
ROUT
10k or
OPEN
+5V
B VIDEO INPUT
CONTROL INPUT
Z1
6.2V
R3
1k
RV1
200
R2
1k
C2 0.1
R1
560
(0.5V)
R4
5.6k
50%
GAIN
B BLACK
LEVEL
ADJUST
A BLACK
LEVEL
ADJUST
75
if required
RV4
500
RV5
500
1
2
4
3
17
18
19
20
+10V
-10V
-VS
GND
COMP
COS1
OUT
B OS2
6
5
7
15
16
14
+IN B
S1
-IN B
A OS2
-IN A
9
8
10
12
13
S2
VREF
+IN A
AOS1
11
C5
47
-10V
C5
47
C1
0.1
5 - 25pF
CCOMP
RV6
1k
VREF
ADJUST
RV3
SPAN
ADJUST
C5
0.1
+VS
COS2
VC
REXT
B OS1
C7 0.1
A VIDEO INPUT
75
if required
75
if required
IC2
CLC110
1
4
5
8
+
+
VIDEO OUT
1K
NOTE: C5 is used when the CONTROL VOLTAGE (VC) is derived from a power supply.
All resistors in ohms, all capacitors in
µF unless otherwise stated.
Fig. 1 Test Circuit


Similar Part No. - GT4122

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CDA GENNUM-GT4123-CDA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CKA GENNUM-GT4123-CKA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123A GENNUM-GT4123A Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results

Similar Description - GT4122

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
   GaAs Multiplier Diodes Frequency Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com