Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4122 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GT4122
Description  GT4122 Video Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4122 Datasheet(HTML) 3 Page - Gennum Corporation

  GT4122 Datasheet HTML 1Page - Gennum Corporation GT4122 Datasheet HTML 2Page - Gennum Corporation GT4122 Datasheet HTML 3Page - Gennum Corporation GT4122 Datasheet HTML 4Page - Gennum Corporation GT4122 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
520 - 25 - 4
3
Referring to the block diagram, the input signals are applied
to conventional differential amplifiers (AMP1 and AMP2).
Each amplifier has provisions for individually adjusting the
DC offset (OFFSET).
Following each input amplifier, the signals are applied to
linear multiplier circuits (XA and XB) whose outputs are the
product of the incoming signals and controlling voltages (V
CA)
or (V
CB). The controlling voltage VCA is the sum of a nominal
0.5V source (V
NOM) and a variable source VK while VCB is made
up of the sum of the nominal voltage V
NOM and -VK.
V
K and -VK are themselves proportional to the difference
between an externally applied reference voltage (V
REF) and
an externally applied CONTROL voltage (V
C). The voltages VK
and -V
K are produced by a differential amplifier (AMP3) whose
gain is A
K. This gain can be altered by two external resistors,
R
EXT and RSPAN
according to the following formula:
Note that R
EXT is connected between the REXT pin and ground
and R
SPAN is connected between the pins S1 and S2.
Each of the voltages (+V
K and -VK) is applied to summing
circuits (
Σ2 and Σ3) whose second inputs are DC voltage
sources that can also be slightly varied. The nominal value of
these voltage sources is 0.5 volts.
When they are exactly 0.5V and when V
C = VREF, the gain of
each signal channel of the mixer is 0.5 (50%).
By connecting the ends of an external potentiometer
(CONTROL OFFSET) between the offset pins COS1 and
COS2, the voltage sources can be altered differentially. If a
second potentiometer (50% GAIN) is connected between the
wiper of the CONTROL OFFSET potentiometer and the supply
voltage, the voltage sources can be varied in a common
mode fashion. In this way not only can the control range of
the mixer be varied but also the point at which 50% of each
input signal appears at the output.
The outputs from the multiplier circuits (XA and XB) are then
applied to a summing circuit (
Σ1) whose output feeds a
wideband amplifier (AMP4) and presents the mixed signals to
the outside world.
Although there are two separate differential inputs, the usual
operational amplifier gain-setting methods can be applied to
determine the closed loop gain of the mixer. Usually the
mixer will be configured for unity gain by connecting both
inverting inputs (-IN A , -IN B) to the common output (OUT). In
this case, the general transfer function is:
V
O = VA •[VNOM + AK•(VC - VREF)] + VB•[VNOM - AK•(VC -
V
REF)]
(Unity gain configuration)
Where V
A and VB are the input analog signals applied to +IN A
and +IN B respectively, and V
C is the CONTROL voltage.
Note that V
NOM ranges between
0.45V < V
NOM < 0.55.
DETAILED DESCRIPTION
0.85 • R
EXT
A
K
—————
[1k
Ω < R
EXT
< 3k
Ω]
R
SPAN
REXT
COS1
VREF
COS2
VC
+
-
- VS
GND
A OS2
+IN A
- IN A
B OS2
- IN B
VCA=0.5 + VK
+IN B
+VS
B OS1
A OS1
BIAS
AMP 3
S1
S 2
COMP
OUT
VNOM
AMP 1
AMP 2
+
-
+
-
XA
VCB=0.5 - VK
XB
+
+
AMP 4
-
+
AK
0.5V
Σ2
Σ3
+
-
+
-
+
+ VK
- VK
+
+
Σ1
VNOM
Device Function: VOUT = VINA • [VNOM + AK (VC - VREF)] + VINB • [VNOM - AK (VC - VREF)]
The GT4122 is a broadcast quality monolithic inte-
grated circuit specifically designed to linearly mix two
video signals under the control of a third signal.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - GT4122

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
Two Channel Video Multipliers
GT4123-CDA GENNUM-GT4123-CDA Datasheet
150Kb / 7P
Two Channel Video Multipliers
GT4123-CKA GENNUM-GT4123-CKA Datasheet
150Kb / 7P
Two Channel Video Multipliers
GT4123A GENNUM-GT4123A Datasheet
150Kb / 7P
Two Channel Video Multipliers
More results

Similar Description - GT4122

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
GT4123B Two Channel Video Multiplier
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
GT4124 Video Multiplier with Strobed DC Restore
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
GaAs Multiplier Diodes Frequency Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
Current Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
MULTIPLIER-DIVIDER
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com