Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4122 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GT4122
Description  GT4122 Video Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4122 Datasheet(HTML) 2 Page - Gennum Corporation

  GT4122 Datasheet HTML 1Page - Gennum Corporation GT4122 Datasheet HTML 2Page - Gennum Corporation GT4122 Datasheet HTML 3Page - Gennum Corporation GT4122 Datasheet HTML 4Page - Gennum Corporation GT4122 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
520 - 25 - 4
2
PARAMETER
VALUE
Supply Voltage (VS)
± 13.5 V
Operating Temperature Range
0
° C ≤ T
A ≤ 70° C
Storage Temperature Range
-65
° C ≤ T
S ≤ 150° C
Lead Temperature (Soldering, 10 Sec)
260
° C
Video Input Voltage (VA,VB) to ground
± 5 V
Control Input Voltage (VC) to ground
± 5 V
Video Input Differential Voltage (VA - VB)
± 5 V
Control Input Differential Voltage (VC -VREF)
± 5 V
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
± VS
Operating Range
± 9
± 10
± 12
volts
+ Supply Current
I+
REXT = 1 kΩ
-24
28
mA
- Supply Current
I-
REXT = 1 kΩ
-18
20
mA
Bandwidth
BW
at
± 0.1 dB VSIG =150 mVp-p
25
30
-
MHz
Frequency Response
DC - 10 MHz
-
± 0.05
-
dB
Differential Gain
∂gVIN = 40 IRE at 3.58 MHz
-
0.01
0.03
%
Differential Phase
∂pVIN = 40 IRE at 3.58 MHz
-
0.01
0.03
degrees
Signal to Noise
S/N
VSIG = 1 volt, BW = 5 MHz
64
70
-
dB
Gain - open loop
AOL
100 kHz (ß = 0%)
54
60
66
dB
Gain - closed loop
ACL
100 kHz (ß = 100%)
-0.01
-0.005
-
dB
Delay
td SIG
--
10
ns
Off Isolation & Crosstalk
VA or B/VO ƒSIG = 5 MHz (see note 1)
80
85
-
dB
VC/VA or B ƒSIG = 5 MHz (see note 2)
90
95
-
dB
Bandwidth
BW
at
± 0.1 dB VSIG =150 mVp-p
25
30
-
MHz
Delay
td CONT
--
10
ns
Linearity
-1
-
%
Control Breakthrough
VCONT = 0-1 V ƒ = 1-10 MHz
-
-55
-50
dB
Crossfade Balance
VCONT = 0-1 V ƒ = 3.58 MHz
-
3
5
mVpp
Control Range
V CONT
0-
+5
V
NOTE:
1
VA or B =1 Vp-p output taken from OUTPUT
2
VCONT =1 Vp-p output taken from VA or VB
(+VS = -VS =10V, 0°C ≤ TA ≤ 70°C unless otherwise shown)
SIGNAL
CHANNEL
POWER
SUPPLIES
CONTROL
CHANNEL


Similar Part No. - GT4122

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CDA GENNUM-GT4123-CDA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CKA GENNUM-GT4123-CKA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123A GENNUM-GT4123A Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results

Similar Description - GT4122

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
   GaAs Multiplier Diodes Frequency Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com