Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092 Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS9092
Description  GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS9092 Datasheet HTML 6Page - Gennum Corporation GS9092 Datasheet HTML 7Page - Gennum Corporation GS9092 Datasheet HTML 8Page - Gennum Corporation GS9092 Datasheet HTML 9Page - Gennum Corporation GS9092 Datasheet HTML 10Page - Gennum Corporation GS9092 Datasheet HTML 11Page - Gennum Corporation GS9092 Datasheet HTML 12Page - Gennum Corporation GS9092 Datasheet HTML 13Page - Gennum Corporation GS9092 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
GS9092 Data Sheet
28202 - 2
September 2005
10 of 58
47
DVB_ASI
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
When set HIGH by the application layer, the device will be configured
for the transmission of DVB-ASI data.The setting of the
SMPTE_BYPASS pin will be ignored.
When set LOW by the application layer, the device will not support the
encoding of DVB-ASI data.
49
SMPTE_BYPASS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
When set HIGH in conjunction with DVB_ASI = LOW, the device will be
configured to operate in SMPTE mode. All I/O processing features may
be enabled in this mode.
When set LOW, the device will not support the scrambling, encoding or
packet insertion of received SMPTE data. No I/O processing features
will be available and the device will enter a low-latency mode.
50
BLANK
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Functional only when chip is in SMPTE mode.
When set LOW by the application layer, the luma and chroma input
data is set to the appropriate blanking levels (TRS words will be
unaltered at all times)
When set HIGH by the application layer, the input data will pass into the
device unaltered.
51
DETECT_TRS
Non
Synchronous
Input
CONTOL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to select external H,V, and F timing mode or TRS extraction
timing mode.
When set LOW by the application layer, the device will extract all
internal timing from the supplied H, V, and F timing signals.
When set HIGH by the application layer, the device will extract all
internal timing from the TRS signals embedded in the supplied video
stream. The H, V, and F signals will become outputs that can be
accessed via the STAT[2:0] pins.
Both 8-bit and 10-bit TRS code words will be identified by the device.
52
FIFO_EN
Non
Synchronous
Input
CONTOL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to enable / disable the internal FIFO.
When FIFO_EN is HIGH, the internal FIFO will be enabled. Data will be
clocked into the device on the rising edge of the WR_CLK input pin if
the FIFO is in video mode or DVB-ASI mode.
When FIFO_EN is LOW, the internal FIFO is bypassed and parallel
data is clocked into the device on the rising edge of the PCLK input.
53
VCO_VDD
Analog
Input
Power
Power supply connection for Voltage-Controlled-Oscillator. Connect to
+1.8V DC.
54
LB_CONT
Analog
Input
CONTROL SIGNAL INPUT
Control voltage to fine-tune the loop bandwidth of the PLL.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com