Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9092
Description  GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9092 Datasheet HTML 1Page - Gennum Corporation GS9092 Datasheet HTML 2Page - Gennum Corporation GS9092 Datasheet HTML 3Page - Gennum Corporation GS9092 Datasheet HTML 4Page - Gennum Corporation GS9092 Datasheet HTML 5Page - Gennum Corporation GS9092 Datasheet HTML 6Page - Gennum Corporation GS9092 Datasheet HTML 7Page - Gennum Corporation GS9092 Datasheet HTML 8Page - Gennum Corporation GS9092 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
www.gennum.com
GS9092 GenLINX® III
270Mb/s Serializer
for SDI and DVB-ASI
GS9092 Data Sheet
28202 - 2
September 2005
1 of 58
Key Features
SMPTE 259M-C compliant scrambling and NRZI to
NRZ encoding (with bypass)
DVB-ASI sync word insertion and 8b/10b encoding
Integrated Cable Driver
Integrated line-based FIFO for data
alignment/delay, clock phase interchange, DVB-ASI
data packet insertion, and ancillary data packet
insertion
User selectable additional processing features
including:
• ANC data checksum, and line number
calculation and insertion
• TRS and EDH packet generation and insertion
• illegal code remapping
Enhanced Gennum Serial Peripheral Interface
(GSPI)
JTAG test interface
+1.8V internal cable driver and core power supply
Optional +1.8V or +3.3V digital I/O power supply
Small footprint (8mm x 8mm)
Low power operation (typically 170mW)
Pb-free and RoHS compliant
Applications
SMPTE 259M-C Serial Digital Interfaces
DVB-ASI Serial Digital Interfaces
Description
The GS9092 is a 270Mb/s serializer with an internal
FIFO and an integrated cable driver. It contains all the
necessary blocks to realize a transmit solution for
SD-SDI and DVB-ASI applications.
In addition to serializing the input data stream, the
GS9092 performs NRZI-to-NRZ encoding and
scrambling as per SMPTE 259M-C when operating in
SMPTE mode. When operating in DVB-ASI mode, the
device will insert K28.5 sync characters and 8b/10b
encode the data prior to serialization.
Parallel data inputs are provided for 10-bit multiplexed
formats at SD signal rates. A 27MHz parallel clock input
signal is also required.
The integrated cable driver features an adjustable
signal swing and common mode operating point offering
fully compliant SMPTE 259M-C cable driver
connectivity.
The GS9092 includes a range of data processing
functions such as automatic standards detection and
EDH support. The device can also insert TRS signals,
re-map illegal code words, and generate and insert
SMPTE 352M payload identifier packets. All processing
features are optional and may be enabled/disabled via
external control pin(s) and/or host interface
programming.
The GS9092 also incorporates a video line-based FIFO.
This FIFO may be used in four user-selectable modes
to carry out tasks such as data delay, clock phase
interchange, MPEG packet insertion and clock rate
interchange, and ancillary data packet insertion.
The device may also be used as a low-latency
parallel-to-serial converter where the SMPTE
scrambling block will be the only processing feature
enabled.
The GS9092 is Pb-free, and the encapsulation
compound does not contain halogenated flame
retardant (RoHS compliant).


Similar Part No. - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com