Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9092
Description  GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9092 Datasheet HTML 5Page - Gennum Corporation GS9092 Datasheet HTML 6Page - Gennum Corporation GS9092 Datasheet HTML 7Page - Gennum Corporation GS9092 Datasheet HTML 8Page - Gennum Corporation GS9092 Datasheet HTML 9Page - Gennum Corporation GS9092 Datasheet HTML 10Page - Gennum Corporation GS9092 Datasheet HTML 11Page - Gennum Corporation GS9092 Datasheet HTML 12Page - Gennum Corporation GS9092 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
GS9092 Data Sheet
28202 - 2
September 2005
9 of 58
23, 25, 26
STAT[0:2]
Synchronous
with PCLK or
WR_CLK
Input/O
utput
MULTI FUNCTION I/O PORT
Signal levels are LVCMOS / LVTTL compatible.
Programmable multi-function I/O. By programming the bits in the
IO_CONFIG register, each pin can act as an output for one of the
following signals:
•H
•V
•F
•FIFO_FULL
•FIFO_EMPTY
Each pin may also act as an input for an external H, V, or F signal if the
DETECT_TRS pin is set LOW by the application layer
These pins are set to certain default values depending on the
configuration of the device and the internal FIFO mode selected. See
Programmable Multi-function I/O on page 46 for details.
24, 28, 42
IO_GND
Non
Synchronous
Input
Power
Ground connection for digital I/O. Connect to GND.
30
WR_CLK
Input
FIFO WRITE CLOCK
Signal levels are LVCMOS / LVTTL compatible.
The application layer clocks the parallel data into the device on the
rising edge of WR_CLK when the internal FIFO is configured for video
mode or DVB-ASI mode.
NOTE: If this pin is unused it should be pulled up to GND.
31
WR_RESET
Synchronous
with
WR_CLK
Input
FIFO WRITE RESET
Signal levels are LVCMOS / LVTTL compatible.
Valid input only when the device is in SMPTE mode (SMPTE_BYPASS
= HIGH, DVB-ASI = LOW) and the internal FIFO is configured for video
mode (Video Mode on page 23).
A HIGH to LOW transition will reset the FIFO write pointer to address
zero of the memory.
NOTE: If this pin is unused it should be pulled up to GND.
32 - 41
DIN[0:9]
Synchronous
with
WR_CLK
or PCLK
Input
PARALLEL VIDEO DATA BUS
Signal levels are LVCMOS / LVTTL compatible.
When the internal FIFO is enabled and configured for either video
mode or DVB-ASI mode, parallel data will be clocked into the device on
the rising edge of WR_CLK.
When the internal FIFO is in bypass mode, parallel data will be clocked
into the device on the rising edge of PCLK.
DIN9 is the MSB and DIN0 is the LSB.
44
PCLK
Input
PIXEL CLOCK INPUT
Signal levels are LVCMOS / LVTTL compatible.
27MHz parallel clock input.
46
RSV
Reserved. Do Not Connect.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com