Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092 Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9092
Description  GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092 Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9092 Datasheet HTML 4Page - Gennum Corporation GS9092 Datasheet HTML 5Page - Gennum Corporation GS9092 Datasheet HTML 6Page - Gennum Corporation GS9092 Datasheet HTML 7Page - Gennum Corporation GS9092 Datasheet HTML 8Page - Gennum Corporation GS9092 Datasheet HTML 9Page - Gennum Corporation GS9092 Datasheet HTML 10Page - Gennum Corporation GS9092 Datasheet HTML 11Page - Gennum Corporation GS9092 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
GS9092 Data Sheet
28202 - 2
September 2005
8 of 58
16
CS_TMS
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Chip Select / Test Mode Select
Host Mode (JTAG/HOST = LOW):
CS/TMS operates as the host interface chip select, CS, and is active
LOW.
JTAG Test Mode (JTAG/HOST = HIGH):
CS/TMS operates as the JTAG test mode select, TMS, and is active
HIGH.
NOTE: If this pin is unused it should be pulled up to VCC_IO.
17
SCLK_TCK
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Serial Data Clock / Test Clock. All JTAG / Host Interface address and
data is shifted into / out of the device synchronously with this clock.
Host Mode (JTAG/HOST = LOW):
SCLK_TCK operates as the host interface serial data clock, SCLK.
JTAG Test Mode (JTAG/HOST = HIGH):
SCLK_TCK operates as the JTAG test clock, TCK.
NOTE: If this pin is unused it should be pulled up to VCC_IO.
18, 48
CORE_GND
Non
Synchronous
Input
Power
Ground connection for digital logic blocks. Connect to GND.
19
SDOUT_TDO
Synchronous
with
SCLK_TCK
Output
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Serial Data Output / Test Data Output
Host Mode (JTAG/HOST = LOW):
SDOUT_TDO operates as the host interface serial output, SDOUT,
used to read status and configuration information from the internal
registers of the device.
JTAG Test Mode (JTAG/HOST = HIGH):
SDOUT_TDO operates as the JTAG test data output, TDO.
20
SDIN_TDI
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Serial Data Input / Test Data Input
Host Mode (JTAG/HOST = LOW):
SDIN_TDI operates as the host interface serial input, SDIN, used to
write address and configuration information to the internal registers of
the device.
JTAG Test Mode (JTAG/HOST = HIGH):
SDIN_TDI operates as the JTAG test data input, TDI.
NOTE: If this pin is unused it should be pulled up to VCC_IO.
21, 29, 43
IO_VDD
Non
Synchronous
Input
Power
Power supply for digital I/O.
For a 3.3V tolerant I/O, connect pins to either +1.8V DC or +3.3V DC.
For a 5V tolerant I/O, connect pins to a +3.3V DC.
NOTE: For power sequencing requirements please see Device Power
Up on page 54.
22, 27
RSV
Reserved. Do Not Connect.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com