Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9092
Description  GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9092 Datasheet HTML 3Page - Gennum Corporation GS9092 Datasheet HTML 4Page - Gennum Corporation GS9092 Datasheet HTML 5Page - Gennum Corporation GS9092 Datasheet HTML 6Page - Gennum Corporation GS9092 Datasheet HTML 7Page - Gennum Corporation GS9092 Datasheet HTML 8Page - Gennum Corporation GS9092 Datasheet HTML 9Page - Gennum Corporation GS9092 Datasheet HTML 10Page - Gennum Corporation GS9092 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
GS9092 Data Sheet
28202 - 2
September 2005
7 of 58
12
IOPROC_EN
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal Levels are LVCMOS / LVTTL compatible.
Used to enable or disable the I/O processing features.
When set HIGH, the following I/O processing features of the device are
enabled:
• SMPTE 352M Payload Identifier Packet Generation and Insertion
• Illegal Code Remapping
• EDH Generation and Insertion
• Ancillary Data Checksum Insertion
• TRS Generation and Insertion
To enable a subset of these features, keep the IOPROC_EN pin HIGH
and disable the individual feature(s) in the IOPROC_DISABLE register
accessible via the host interface.
When this pin is set LOW, the device will enter low-latency mode.
NOTE: When the internal FIFO is configured for video mode or ancillary
data insertion mode, the IOPROC_EN pin must be set HIGH.
13
JTAG/HOST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to select JTAG Test Mode or Host Interface Mode.
When set HIGH, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI
are configured for JTAG boundary scan testing.
When set LOW, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI
are configured as GSPI pins for normal host interface operation.
14
RESET
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to reset the internal operating conditions to default setting or to
reset the JTAG test sequence.
Host Mode (JTAG/HOST = LOW):
When asserted LOW, all functional blocks will be set to default
conditions ,SDO and SDO are muted, and all input signals become high
impedance with the exception of the STAT pins which will be driven
LOW.
When set HIGH, normal operation of the device resumes 10usec after
the LOW-to-HIGH transition of the RESET signal.
JTAG Test Mode (JTAG/HOST = HIGH):
When asserted LOW, all functional blocks will be set to default and the
JTAG test sequence will be held in reset.
When set HIGH, normal operation of the JTAG test sequence resumes.
NOTE: For power on reset requirements please see Device Power Up
on page 54.
15, 45
CORE_VDD
Non
Synchronous
Input
Power
Power supply for digital logic blocks. Connect to +1.8V DC.
NOTE: For power sequencing requirements please see Device Power
Up on page 54.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com