Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1578A Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1578A
Description  GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578A Datasheet(HTML) 4 Page - Gennum Corporation

  GS1578A Datasheet HTML 1Page - Gennum Corporation GS1578A Datasheet HTML 2Page - Gennum Corporation GS1578A Datasheet HTML 3Page - Gennum Corporation GS1578A Datasheet HTML 4Page - Gennum Corporation GS1578A Datasheet HTML 5Page - Gennum Corporation GS1578A Datasheet HTML 6Page - Gennum Corporation GS1578A Datasheet HTML 7Page - Gennum Corporation GS1578A Datasheet HTML 8Page - Gennum Corporation GS1578A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GS1578A Data Sheet
33657 - 4
March 2006
4 of 15
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 Solder Reflow Profiles
The device is manufactured with Matte-Sn terminations and is compatible with both
standard eutectic and Pb-free solder reflow profiles. MSL qualification was
performed using the maximum Pb-free reflow profile shown in Figure 2-1.The
recommended standard Pb reflow profile is shown in Figure 2-2.
Figure 2-1: Maximum Pb-free Solder Reflow Profile (Preferred)
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
2kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Solder Reflow Temperature
260°C
25˚C
150˚C
200˚C
217˚C
260˚C
250˚C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3˚C/sec max
6˚C/sec max


Similar Part No. - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com