Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1578A Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS1578A
Description  GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578A Datasheet(HTML) 3 Page - Gennum Corporation

  GS1578A Datasheet HTML 1Page - Gennum Corporation GS1578A Datasheet HTML 2Page - Gennum Corporation GS1578A Datasheet HTML 3Page - Gennum Corporation GS1578A Datasheet HTML 4Page - Gennum Corporation GS1578A Datasheet HTML 5Page - Gennum Corporation GS1578A Datasheet HTML 6Page - Gennum Corporation GS1578A Datasheet HTML 7Page - Gennum Corporation GS1578A Datasheet HTML 8Page - Gennum Corporation GS1578A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GS1578A Data Sheet
33657 - 4
March 2006
3 of 15
1. Pin Out
1.1 Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 Pin Descriptions
GS1578A
(top view)
1
VEE
SDI
SDI
2
3
4
SDO
SDO
VCC
12
11
10
9
5
7
68
13
14
15
16
Center Pad
(bottom of package)
RSET
SD / HD
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
1,2
SDI, SDI
Analog
Input
Serial digital differential input.
3VEE
Power
Most negative power supply connection. Connect to GND.
4RSET
Analog
Input
External output amplitude control resistor.
5,6,7,8,13,14,
15,16
NC
No Connect. Not bonded internally.
9VCC
Power
Most positive power supply connection. Connect to +3.3V.
10
SD/HD
Non
Synchronous
Input
Output slew rate control. When set HIGH, the output will meet
SMPTE 259M rise/fall time specifications. When set LOW, the
serial outputs will meet SMPTE 292M rise/fall time
specifications.
11,12
SDO, SDO
Analog
Output
Serial digital differential output.
Center Pad
Power
Connect to most negative power supply plane following the
recommendations in Recommended PCB Footprint on
page 14.


Similar Part No. - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com