Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1578A Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS1578A
Description  GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578A Datasheet(HTML) 1 Page - Gennum Corporation

  GS1578A Datasheet HTML 1Page - Gennum Corporation GS1578A Datasheet HTML 2Page - Gennum Corporation GS1578A Datasheet HTML 3Page - Gennum Corporation GS1578A Datasheet HTML 4Page - Gennum Corporation GS1578A Datasheet HTML 5Page - Gennum Corporation GS1578A Datasheet HTML 6Page - Gennum Corporation GS1578A Datasheet HTML 7Page - Gennum Corporation GS1578A Datasheet HTML 8Page - Gennum Corporation GS1578A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.gennum.com
GS1578A HD-LINX® II
Multi-Rate Dual Slew-Rate Cable Driver
GS1578A Data Sheet
33657 - 4
March 2006
1 of 15
Features
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
Dual coaxial cable driving outputs with selectable
slew rate
•50
Ω differential PECL input
Pb-free and RoHS compliant
Seamless interface to other HD-LINX® II family
products
Single 3.3V power supply operation
Operating temperature range: 0°C to 70°C
Applications
SMPTE 292M, SMPTE 344M and SMPTE 259M
Coaxial Cable Serial Digital Interfaces.
Description
The GS1578A is a second generation high-speed
BiCMOS integrated circuit designed to drive one or two
75
Ω co-axial cables.
The GS1578A may drive data rates up to 1.485Gb/s
and provides two selectable slew rates in order to
achieve compliance to SMPTE 259M, SMPTE 344M
and SMPTE 292M.
The GS1578A accepts a LVPECL level differential input
that may be AC coupled. External biasing resistors at
the inputs are not required.
Power consumption is typically 168mW using a 3.3V
power supply. The GS1578A is Pb-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents
are RoHS compliant.
Functional Block Diagram
SDO
RSET
SDO
SDI
SDI
SD/HD
BANDGAP REFERENCE AND BIASING CIRCUIT
OUTPUT STAGE &
CONTROL
INPUT
DIFFERENTIAL
PAIR


Similar Part No. - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com