Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300950272 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300950272
Description  PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300950272 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300950272 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YELLOW
RED
DARK BLUE
BLACK
PRODUCT
SELECTION
NUMBER
NOMINAL
ROD
DIAMETER
LENGTH "G"
EYE CABLE
THICKNESS
REF.
COLOR
CODE
MATERIAL
NUMBER
Y
E
S
N
O
LISTED
UL
CSA
APPROVED
* TO DETERMINE RECOMMENDED WORKING LOAD, DIVIDE BREAK STRENGTH BY 5.
APPROXIMATE
BREAK
STRENGTH*
(LBS / N)
LENGTH
"B"
LENGTH
"M"
DIAMETER RANGE
PHS025
PHS100
PHS075
PHS125
.25-.65 / 6.4-16.5
.19-.37 / 4.8-9.4
1.00-1.50 / 25.4-38.1
.88-1.12 / 22.4-28.4
.63-.87 / 16.0-22.1
.75-1.10 / 19.1-27.9
1.25-1.70 / 31.8-43.2
1.13-1.37 / 28.7-34.8
.43 / 10.9
1.25 / 31.8
.87 / 22.1
1.50 / 38.1
6500 / 28913
30600 / 136116
20000 / 88964
46800 / 208177
76.00±6.00 / 1930.4±152.4
48.00±4.50 / 1219.2±114.3
60.00±5.00 / 1524.0±127.0
24.00±2.50 / 609.6±63.5
10.00±1.00 / 254.0±25.4
15.00±1.50 / 381.0±38.1
14.00±1.50 / 355.6±38.1
18.00±1.50 / 457.2±38.1
.218 / 5.54
.500 / 12.70
.437 / 11.10
.625 / 15.88
ROPE**
DIAMETER
CONDUCTOR
DIAMETER
** FOR ROPE, SELECT SMALLEST SIZE GRIP WHICH MEETS REQUIRED WORK LOAD.
LENGTH "M"
MEASURED WITH
NOMINAL ROD DIAMETER
LENGTH "B"
COLOR CODED
BAND SLEEVE
FOR IDENTIFICATION
SEE TABLE
DOUBLE WEAVE
MESH CONSTRUCTION
LENGTH "G"
EYE CABLE
THICKNESS
ITEM DESCRIPTION
MATERIAL
1
2
WIRE MESH
GALVANIZED STEEL
3
SHOULDER PROTECTOR ALUMINUM
SWAGING FERRULE
STAINLESS STEEL
4
BAND SLEEVE
ALUMINUM
5
BALE EYE
GALVANIZED STEEL
INSTRUCTION SHEET TO BE INCLUDED WITH GRIP.
1
2
3
4
5
HEAT SHRINK OVER
SWAGING FERRULES
36610
36613
36612
36614
1300950272
1300950275
1300950274
1300950276
CATALOG
NUMBER
4
D
D
C
C
B
B
A
A
6
6
5
5
4
3
3
2
2
1
1
FORMAT: IN-ACAD-tb-prod-A
REVISION: B
DATE: 2020/01/14
DOCUMENT STATUS
RELEASE DATE
P1
2022/03/30
09:51:32
CURRENT REV DESC: REMOVED OBSOLETED PART
NUMBER AS PER PCN#509987.
DRAWING
SERIES
DOCUMENT NUMBER
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SCALE
SD-130095-111
PSD 001
B
GENERAL MARKET
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIRD ANGLE PROJECTION
130095
HIGH STRENGTH FLEXIBLE EYE
HRUIZ01
JFMURPHY
SANTHN
SANTHN
GGA
693623
0 PLACES
1 PLACE
2 PLACES
3 PLACES
4 PLACES
±
±
±
±
±
±
±
±
±
±
----
0.25
0.13
----
----
----
0.02
0.01
0.005
----
mm
INCH
ANGULAR TOL ±
0.5 °
DOC TYPE DOC PART REVISION
APPR:
DRWN:
INITIAL REVISION:
APPR:
DRWN:
CHK'D:
EC NO:
2014/09/04
2015/03/23
2021/11/22
2021/12/28
2022/03/30
PULLING GRIPS
PRODUCT CUSTOMER DRAWING
INCH/MM
A-SIZE
NTS
1 OF 1
SEE TABLE
FUNCTIONAL
SYMBOLS
=
=
=
DIVISIONAL
SYMBOLS
0
0
0


Similar Part No. - 1300950272

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950272 MOLEX11-1300950272 Datasheet
37Kb / 1P
High Strength Wire Mesh Pulling Grip, Mesh Length 0.61m (24.00"), Approximate
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
More results

Similar Description - 1300950272

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950146 MOLEX-1300950146 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950147 MOLEX-1300950147 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950149 MOLEX-1300950149 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950151 MOLEX-1300950151 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950152 MOLEX-1300950152 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950200 MOLEX-1300950200 Datasheet
142Kb / 1P
PULLING GRIPS JUNIOR DUTY FLEXIBLE EYE
2014/10/14
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950275 MOLEX-1300950275 Datasheet
273Kb / 1P
PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950288 MOLEX-1300950288 Datasheet
272Kb / 1P
PULLING GRIPS MULTI-WEAVE FLEXIBLE EYE
2022/06/22
1300950289 MOLEX-1300950289 Datasheet
151Kb / 1P
PULLING GRIPS MULTI-WEAVE FLEXIBLE EYE
2015/03/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com