Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4551 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GB4551
Description  Video Buffer with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4551 Datasheet(HTML) 4 Page - Gennum Corporation

  GB4551 Datasheet HTML 1Page - Gennum Corporation GB4551 Datasheet HTML 2Page - Gennum Corporation GB4551 Datasheet HTML 3Page - Gennum Corporation GB4551 Datasheet HTML 4Page - Gennum Corporation GB4551 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
520 - 52 - 2
10k
-10V
10
VIDEO OUTPUT
TO NETWORK
ANALYSER I/P
470p
+10V
75
0.1
GB4551
4
2
6
5
3
7
1
8
+5V
CL
NETWORK
ANALYSER
Sweep: 1-100MHz
Level: 0dBM
0.1
+5V
+5V
4
1
8
5
0.1
0.1
CLC110
RS
1
10
100
FREQUENCY (MHz)
Fig. 3 Gain vs Frequency
Fig. 4 Phase vs Frequency
FREQUENCY (MHz)
1
3
5
10
CL = 10pF
CL = 100pF
27pF
47pF
6
5
4
3
2
1
0
-1
-2
-3
-4
10pF
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
CL = 100pF
TYPICAL PERFORMANCE CURVES
(Unless otherwise shown VS =
±10V)
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0.0000
1
10
Fig. 5 Flattened Frequency Response
1
10
50
FREQUENCY (MHz)
Fig. 6 Differential Gain & Phase vs Frequency
1
3
5
10
FREQUENCY (MHz)
dg
dp
33
Ω/68pF
27
Ω/120pF
18
Ω/270pF
0.3
0.2
0.1
0.0
-0.1
-0.2
-0 .3
-0.4
-0.5
-0.6
-0.7
VIN = 40IRE
RS / CL
VIN = 100mVp-p
VIN = 100mVp-p
RS = 0Ω
All resistors in ohms, all capacitors
in microfarads unless otherwise stated.
Fig. 2 Differential Gain and Phase, Frequency Response


Similar Part No. - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550-CSA GENNUM-GB4550-CSA Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550A GENNUM-GB4550A Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550ACSA GENNUM-GB4550ACSA Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
More results

Similar Description - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com