Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4551 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GB4551
Description  Video Buffer with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4551 Datasheet(HTML) 3 Page - Gennum Corporation

  GB4551 Datasheet HTML 1Page - Gennum Corporation GB4551 Datasheet HTML 2Page - Gennum Corporation GB4551 Datasheet HTML 3Page - Gennum Corporation GB4551 Datasheet HTML 4Page - Gennum Corporation GB4551 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
520 - 52 - 2
680k
-10V
10
NON-POLAR
470p
+10V
GB4551
4
2
6
5
3
7
1
8
COMPOSITE
VIDEO INPUT
COLOR BURST
FILTER
0.1
6
4
8
5
2
CLAMPED
VIDEO OUTPUT
BACK
PORCH
PULSE
10V
0V
+10V
0.1
0.1
0.1
0.1
GS4881
SYNC. SEP.
Fig.1 Clamping Operation
DETAILED DESCRIPTION
The GB4551 is intended for video applications requiring
precision DC restoration coupled with very flat frequency
response. The signal path features a wide band operational
amplifier designed to be unity gain stable. While this amplifier
is not intended to drive 75
Ω transmission lines, it is ideal for
applications where high capacitive loads, up to several
hundred picofarads, must be driven. These applications
include input and internal system buffering and DC restoration
of video signals.
Optimal frequency response for the GB4551 occurs with load
capacitances in the range of 80 pF. For smaller loads, an
external capacitor can be added to extend the bandwidth of
the device. As shown in Figure 7, a small resistor, ROUT,
should be included in series with the GB4551 output to obtain
optimal response flatness. The value of this resistor should be
chosen to match the value of the load capacitance, as shown
in Figure 5.
The DC restoration function is achieved through the use of a
strobed operational transconductance amplifier (OTA), as
shown in the Simplified Block Diagram. When enabled by
taking STROBE low, the OTA sources or sinks a current
depending on whether the output of the GB4551 is below or
above ground, respectively. The output current from the OTA
is integrated by the hold capacitor connected to pin 5, CX.
The resulting voltage is buffered and fed to the non-inverting
input of the op-amp through a 30 k
Ω resistor.Thenon-inverting
input also receives the input video signal through a large
capacitor which acts as the DC reservoir for the corrective
level shift.
A 500
Ω resistor in series with the input provides some phase
advance to improve the stability of the DC restoration feedback
loop, and provides fast recovery for offset steps as large as
±
100 mV (
± 14 IRE). The values of the input and hold capacitors
can be reduced to speed up the offset recovery time. The ratio
of the capacitors should be maintained at approximately
20,000:1 to ensure closed loop stability.
The OTA receives its inputs from a differential low pass filter.
This filter has a corner frequency of 600 kHz which attenuates
the color burst and any high frequency noise that may be
present in the signal. One input to the low pass filter senses the
output of the GB4551 while the other input is connected to the
ground reference.
In the application shown in figure 1, the input to pin 3 of the
GB4551, STROBE, is provided by the back porch output of the
GS4881 sync separator. The GS4881 generates back porch
pulses which remain at horizontal rate throughout the vertical
interval. Constant rate sample pulses eliminate the possibility
of introducing additional DC offset due to a change in duty
cycle.
The method of adjusting the DC level of the video signal used
in the GB4551 integrates over the entire back porch period.
This reduces sensitivity to noise and improves the accuracy of
the DC restoration compared with systems using sample and
hold techniques. Typical clamping accuracy of
±1 mV is
achieved by the GB4551.
TEST CIRCUITS
All resistors in ohms, all capacitors
in microfarads unless otherwise stated.


Similar Part No. - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550-CSA GENNUM-GB4550-CSA Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550A GENNUM-GB4550A Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550ACSA GENNUM-GB4550ACSA Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
More results

Similar Description - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com