Electronic Components Datasheet Search |
|
GB4551 Datasheet(PDF) 2 Page - Gennum Corporation |
|
|
GB4551 Datasheet(HTML) 2 Page - Gennum Corporation |
2 / 5 page 2 520 - 52 - 2 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Voltage V S Operating Range ± 9 ± 10 ± 12 V + Supply Current I+ - 9 13.8 mA – Supply Current I- - 9 13.8 mA Frequency Response at ± 0.1dB (NOTE 1, see Fig. 5) 25 - - MHz Full Power Bandwidth FPBW at -3dB V IN = 1V p-p 30 - - MHz Phase Delay at 3.58MHz (see Fig. 4) - -3.0 - deg Phase Variation at 3.58MHz - ± 0.1 ± 0.2 deg Differential Gain ∂g at 3.58MHz (V IN = 40 IRE) - 0.03 0.05 % Differential Phase ∂p at 3.58MHz (V IN = 40 IRE) - 0.03 0.05 degrees Max. Input Voltage V IN(MAX) A V =+1 Clipping occurs at: 1.8 2.0 2.2 V Input Resistance R IN 25 30 - k Ω Input Capacitance C IN A V =+1 - 2.0 - pF Output Resistance R OUT A V =+1, ƒ = 0 to1MHz - 8.6 - Ω A V =+1, ƒ = 100MHz - 53 - Ω Clamp Accuracy V IN =+1V p-p - ± 1 ± 2mV Strobe Pulse Width t P STROBE 500 1000 - ns Strobe Level V INHI 2.0 - - V V INLO - - 0.8 V POWER SUPPLIES SIGNAL PATH STROBE ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE/UNITS Supply Voltage ±13.5 V Operating Temperature Range 0 ° C ≤ T A ≤ 70 ° C Storage Temperature Range -65 ° C ≤ T S ≤ 150 ° C Lead Temperature (Soldering, 10 sec) 260 ° C Differential Video Input Voltage ± 5 V Strobe Input Voltage -V s ≤ V STROBE ≤ +V s V S = ± 10V, T A = 0 °C to 70°C, R L = 10k Ω, C L = 10pF, unless otherwise shown ELECTRICAL CHARACTERISTICS CAUTION CLASS 1 ESD SENSITIVITY Note: 1. The frequency peaking can be flattened by placing a small value series resistor at the GB4551 output. The value of the resistor will depend on the load capacitance and the amount of flattening required. Figure 5 shows the frequency response for three combinations of R S and CL. |
Similar Part No. - GB4551 |
|
Similar Description - GB4551 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |