Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4551 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GB4551
Description  Video Buffer with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4551 Datasheet(HTML) 1 Page - Gennum Corporation

  GB4551 Datasheet HTML 1Page - Gennum Corporation GB4551 Datasheet HTML 2Page - Gennum Corporation GB4551 Datasheet HTML 3Page - Gennum Corporation GB4551 Datasheet HTML 4Page - Gennum Corporation GB4551 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
• accurate clamping to within
±1mV
• ultra low differential gain (0.03% typ.)
and differential phase (0.03o typ.)
• wideband unity gain, can typically be flattened to
±0.1dB at 30MHz
• can be configured as a gain stage with reduced
bandwidth.
• drives 100pF loads
• convenient 8 pin SIP packaging
Pin No.
GB4551
Function
1
+IN
non-inverting input
2V
CC
positive power supply
3
STB
strobe
4
GND
ground
5C
X
external capacitor
6V
EE
negative power supply
7
- IN
inverting input
8
OUT
output
ORDERING INFORMATION
Part Number
Package Type
Temperature Range
GB4551-CSA
8 Pin SIP
0 to 70o C
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-2055
Japan Branch: B-201 Miyamae Village, 2-10-42 Miyamae, Suginami-ku Tokyo 168, Japan
tel. (03) 3247-8838
fax: (03) 3247-8839
DATA SHEET
GB4551 Video Buffer with
Strobed DC Restore
Document No. 520 - 52 - 2
DESCRIPTION
The GB4551 is a high performance video buffer with DC
restore primarily used for accurate back porch clamping.
The circuit features a wideband differential amplifier that
can be configured as a gain stage. The output signal
voltage is limited to +2V above the clamp level in order to
prevent damage to crosspoints or other circuits connected
to the output.
The clamping action occurs when the STROBE (STB)
input is taken to ground. A typical application would be for
DC restoration during the back porch period. In this case
the negative-going back porch pulse would be derived
from an external sync separator circuit.
The GB4551 will operate from
± 9V to ±12V power supplies
and will directly interface with Gennum’s video crosspoint
switches. The 8 pin SIP package is ideally suited for
space restricted board layouts.
APPLICATIONS
• Input buffering and DC restoration to crosspoint switches
• Accurate back porch video signal clamping
• Inter-circuit buffering and DC restoration.
VCC
500
10k
–IN
OUT
CX
30k
+IN
VEE
STROBE
12pF
10k
GND
(+2V OUTPUT CLAMP)
7mA
NOM.
+
-
+
-
SIMPLIFIED CIRCUIT DIAGRAM
All resistors in ohms, all capacitors in microfarads unless otherwise stated.
PIN CONNECTIONS
1
2
3
4
5
6
7
8
GB4551


Similar Part No. - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
Monolithic Video Buffer/Clamp
GB4550-CSA GENNUM-GB4550-CSA Datasheet
152Kb / 5P
Monolithic Video Buffer/Clamp
GB4550A GENNUM-GB4550A Datasheet
152Kb / 5P
Monolithic Video Buffer/Clamp
GB4550ACSA GENNUM-GB4550ACSA Datasheet
152Kb / 5P
Monolithic Video Buffer/Clamp
More results

Similar Description - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
GB4571 Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
500MHz Video Front End - 4:1MUX DC-Restore
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com