Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4551 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GB4551
Description  Video Buffer with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB4551 Datasheet(HTML) 5 Page - Gennum Corporation

  GB4551 Datasheet HTML 1Page - Gennum Corporation GB4551 Datasheet HTML 2Page - Gennum Corporation GB4551 Datasheet HTML 3Page - Gennum Corporation GB4551 Datasheet HTML 4Page - Gennum Corporation GB4551 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
520 - 52 - 2
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright June 1992 Gennum Corporation. All rights reserved. Printed in Canada.
DOCUMENT
IDENTIFICATION
PRODUCT PROPOSAL
This data has been compiled for market investigation purposes
only, and does not constitute an offer for sale.
ADVANCE INFORMATION NOTE
This product is in development phase and specifications are
subject to change without notice. Gennum reserves the right to
remove the product at any time. Listing the product does not
constitute an offer for sale.
PRELIMINARY DATA SHEET
The product is in a preproduction phase and specifications are
subject to change without notice.
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
The above circuit represents a possible use of the GB4551 as
an input back-porch clamp for video mixers in a simple
Production Switcher.
For simplicity, the STROBE input is
derived from the GS4881 sync separator IC, driven from the
composite input signal.
The value of ROUT is chosen to roll-off the frequency response
of the GB4551. The value is usually between 15 and 47 ohms
depending on the total load capacitance seen by the device.
The GB4551 may be used anywhere in the circuit where
accurate DC restoration is required as shown by the second IC
following the output of the top GT4123.
COMPOSITE
VIDEO INPUT
COLOR BURST
FILTER
680k
-10V
10
NON-POLAR
470p
+10V
GB4551
4
2
6
5
3
7
1
8
COMPOSITE
VIDEO INPUT
ROUT
VID B
VID A
CONTROL
OUT
0.1
6
4
8
5
2
STROBE
TO OTHER
GB4551s
BORDER
INPUT FROM
(GB4551)
OUT
VID B
VID A
CONTROL
BACKGROUND
VIDEO IN
(FROM GB4551)
KEY INPUT
VID B
VID A
CONTROL
INSERT
GB4551
STROBE
VIDEO
OUTPUT 1
VIDEO
OUTPUT 2
BACK
PORCH
PULSE
5V
0V
3
5
1
7
3
5
1
7
3
5
1
7
GT4123
GT4123
GT4123
+5V
0.1
0.1
0.1
0.1
GS4881
SYNC. SEP.
APPLICATION CIRCUIT
Fig. 7 GB4551 Driving Several GT4123 Video Mixers
All resistors in ohms, all capacitors
in microfarads unless otherwise stated.


Similar Part No. - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550-CSA GENNUM-GB4550-CSA Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550A GENNUM-GB4550A Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550ACSA GENNUM-GB4550ACSA Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
More results

Similar Description - GB4551

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com