Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9068A Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9068A
Description  GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068A Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9068A Datasheet HTML 5Page - Gennum Corporation GS9068A Datasheet HTML 6Page - Gennum Corporation GS9068A Datasheet HTML 7Page - Gennum Corporation GS9068A Datasheet HTML 8Page - Gennum Corporation GS9068A Datasheet HTML 9Page - Gennum Corporation GS9068A Datasheet HTML 10Page - Gennum Corporation GS9068A Datasheet HTML 11Page - Gennum Corporation GS9068A Datasheet HTML 12Page - Gennum Corporation GS9068A Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
GS1528A / GS9068A Data Sheet
30953 - 4
January 2006
9 of 16
5. Detailed Description
5.1 Input Interfacing
SDI/SDI are high impedance differential inputs. The equivalent input circuit is shown
in Figure 4-1.
Several conditions must be observed when interfacing to these inputs:
The differential input signal amplitude must be between 300 and 2000mVpp.
The common mode voltage range must be as specified in the DC Electrical
Characteristics table.
For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS1528A/9068A inputs are self-biased, allowing for simple AC coupling to the
device. For serial digital video, a minimum capacitor value of 4.7µF should be used
to allow coupling of pathological test signals. A tantalum capacitor is
recommended.
SD/HD Input Pin (GS1528A only):
The GS1528A SDO rise and fall times can be set to comply with both SMPTE
259M/344M and SMPTE 292M. For all SMPTE 259M standards, or any data rate
that requires longer rise and fall time characteristics, the SD/HD pin must be set
HIGH by the application layer. For SMPTE 292M standards and signals which
require faster rise and fall times, this pin should be set LOW.
5.2 Output Interfacing
The GS1528A/9068A outputs are current mode, and will drive 800mV into a 75
Ω
load. These outputs are protected from accidental static damage with internal static
protection diodes.
The SMPTE 292M, SMPTE 344M and SMPTE 259M standards require that the
output of a cable driver have a source impedance of 75
Ω and a return loss of at
least 15dB between 5MHz and 1.485GHz.
In order for an SDI output circuit using the GS1528A/9068A to meet this
specification, the output application circuit shown in Section 6.2 is recommended.
The value of LCOMP will vary depending on the PCB layout, with a typical value of
5.6nH. A 4.7µF capacitor is used for AC coupling the output of the device. This
value is chosen to ensure that pathological signals can be coupled without a
significant DC component occurring. Please see Section 6.0 for more details.


Similar Part No. - GS9068A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068A GENNUM-GS9068A Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACKAE3 GENNUM-GS9068ACKAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACTAE3 GENNUM-GS9068ACTAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS9068A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com