Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528-CKA Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS1528-CKA
Description  GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528-CKA Datasheet(HTML) 1 Page - Gennum Corporation

  GS1528-CKA Datasheet HTML 1Page - Gennum Corporation GS1528-CKA Datasheet HTML 2Page - Gennum Corporation GS1528-CKA Datasheet HTML 3Page - Gennum Corporation GS1528-CKA Datasheet HTML 4Page - Gennum Corporation GS1528-CKA Datasheet HTML 5Page - Gennum Corporation GS1528-CKA Datasheet HTML 6Page - Gennum Corporation GS1528-CKA Datasheet HTML 7Page - Gennum Corporation GS1528-CKA Datasheet HTML 8Page - Gennum Corporation GS1528-CKA Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.gennum.com
GS1528 HD-LINX™ II
Multi-Rate SDI
Dual Slew-Rate Cable Driver
GS1528 Data Sheet
16632 - 5
June 2005
1 of 13
Features
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
dual coaxial cable driving outputs with selectable
slew rate
•50
Ω differential PECL input
seamless interface to other HD-LINXII family
products
Pb-free and RoHS Compliant
single 3.3V power supply operation
operating temperature range: 0°C to 70°C
Applications
SMPTE 292M, SMPTE 344M and SMPTE 259M
Coaxial Cable Serial Digital Interfaces.
Description
The GS1528 is a second generation high-speed bipolar
integrated circuit designed to drive one or two 75
Ω
co-axial cables at data rates up to 1.485Gb/s. The
GS1528 provides two selectable slew rates in order to
achieve compliance to SMPTE 259M, SMPTE 344M
and SMPTE 292M.
The GS1528 accepts a LVPECL level differential input
that may be AC coupled. External biasing resistors at
the inputs are not required.
Power consumption is typically 160mW using a 3.3V
power supply.
This component and all homogeneous subcomponents
are ROHS compliant.
Functional Block Diagram
SDO
RSET
SDO
SDI
SDI
SD/HD
BANDGAP REFERENCE AND BIASING CIRCUIT
OUTPUT STAGE &
CONTROL
INPUT
DIFFERENTIAL
PAIR


Similar Part No. - GS1528-CKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528-CKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com