Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528 Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS1528
Description  GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1528 Datasheet HTML 5Page - Gennum Corporation GS1528 Datasheet HTML 6Page - Gennum Corporation GS1528 Datasheet HTML 7Page - Gennum Corporation GS1528 Datasheet HTML 8Page - Gennum Corporation GS1528 Datasheet HTML 9Page - Gennum Corporation GS1528 Datasheet HTML 10Page - Gennum Corporation GS1528 Datasheet HTML 11Page - Gennum Corporation GS1528 Datasheet HTML 12Page - Gennum Corporation GS1528 Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
GS1528 Data Sheet
16632 - 5
June 2005
10 of 13
3.5 Output Amplitude Adjustment
The output amplitude of the GS1528 can be adjusted by changing the value of the
RSET resistor as shown in Figure 3-4 and Table 3-1: RSET vs VOD. For an
800mVp-p output with a nominal ±7% tolerance, a value of 750Ω is required. A ±1%
SMT resistor should be used.
Figure 3-4: Output Amplitude Adjustment
The RSET resistor is part of the high speed output circuit of the GS1528. The
resistor should be placed as close as possible to the RSET pin. In addition, the PCB
capacitance should be minimized at this node by removing the PCB groundplane
beneath the RSET resistor and the RSET pin.
NOTE: For reliable operation of the GS1528 over the full temperature range, do not
use an R
SET value below 573Ω.
Table 3-1: RSET vs VOD
RSET R (Ω)
Output Swing
995
608
824
734
750
800
600
884
573
1040
1100
1000
900
800
700
700
800
900
1000
R
SET
R (
Ω)
600
600
500


Similar Part No. - GS1528

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3Z GENNUM-GS1528-CTAE3Z Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com