Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMVG03-150-T13SY-B220 Datasheet(PDF) 5 Page - C&K Components

Part # ZMVG03-150-T13SY-B220
Description  Mini Size Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMVG03-150-T13SY-B220 Datasheet(HTML) 5 Page - C&K Components

  ZMVG03-150-T13SY-B220 Datasheet HTML 1Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 2Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 3Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 4Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 5Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZMV Series
Mini Size Snap-acting Switches
PILLAR TYPE OR MOUNTING STYLE
A0  STANDARD (NO SUPPORT POST)
C5  PILLAR TYPE C 5 MM
B5  PILLAR TYPE B 5 MM
B2  PILLAR TYPE B 2 MM
NEW
J–34
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
3 Jun 21
J
C2  PILLAR TYPE C 2 MM
F0  PILLAR TYPE F 1.5 MM


Similar Part No. - ZMVG03-150-T13SY-B220

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV829 ZETEX-ZMV829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV829 ZETEX-ZMV829 Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV829 ZETEX-ZMV829 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZMV829 ZETEX-ZMV829 Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZMVG03-150-T13SY-B220

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
   Mini Size Snap-acting Switches
2021
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
   Mini Size Snap-acting Switches
27 Sep 19
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
   Mini Size Snap-acting Switches
2021
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
   Mini Size Snap-acting Switches
2020
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
   Mini Size Snap-acting Switches
31 May 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
   Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
   Mini Size Sealed Snap-acting Switches
2022
LCA CK-COMPONENTS-LCA_V01 Datasheet
445Kb / 4P
   Small Size Snap-acting Switches
12 Jul 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com