Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMVG03-150-T13SY-B220 Datasheet(PDF) 1 Page - C&K Components

Part # ZMVG03-150-T13SY-B220
Description  Mini Size Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMVG03-150-T13SY-B220 Datasheet(HTML) 1 Page - C&K Components

  ZMVG03-150-T13SY-B220 Datasheet HTML 1Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 2Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 3Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 4Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 5Page - C&K Components ZMVG03-150-T13SY-B220 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J
J–30
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
3 Jun 21
ZMV Series
Mini Size Snap-acting Switches
Features/Benefits
Compact size – ideal when space is limited
High contact reliability to support from low
range switching loads
Adequate stroke setting for reliable &
precision ON or OFF switching
Pin plunger version can be actuated from
an angle
Internal spring design return – ensures the
actuator is restored to the same position
every time. These features yield consistent
operation over the long life of these
switches.
IP67 for standalone switch except the
metal terminal part; Full IP67 protection
when potted with wire version
RoHS compatible & compliant
Typical Applications
Automotive: door latch,
seat position detection,
EV charging
Medical
Industrial
Home appliances
IoT devices
Specifications
CONTACT RATING: 3A 12VDC @ 100,000 cycles min.
3A 24VDC @ 50,000 cycles min.
3A 125/250VAC @ 10,000 cycles min.
0.01A 12/24VDC @ 1,000,000 cycles min.
0.01A 125/250VAC @ 1,000,000 cycles min.
MECHANICAL LIFE: 1,000,000 cycles min.
INSULATION RESISTANCE: 100 MΩ min.
DIELECTRIC STRENGTH: Min. 500VAC (50-60Hz)/minute
between Live Parts
OPERATING TEMPERATURE: –40ºC to 85ºC
OPERATING FORCE: 150 gf max.
Materials
CASE: Nylon
COVER: Nylon
ACTUATOR BUTTON: PET+POM
MOVABLE CONTACTS: AG alloy (Gold plated if selected)
STATIONARY CONTACTS: AG alloy (Gold plated if selected)
TERMINALS: Brass
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Sealing cap could possibly be damaged in case of contacts with oils or greases.
Please try to avoid direct contact. If more support is needed, consult Customer
Service Centre.
Build-A-Switch
Our easy build-a-switch concept allows you to mix and mtach options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Series
ZMV
Circuitry
C
SPDT
W
SPST N.C.
Y
SPST N.O.
Electrical Rating
03A 3A 125/250VAC
(Contact pated silver)
G03 3A 125/250VAC
(Contact plated gold)
Actuator Type
P00 Pin plunger
T13 Hinged lever with lever length 13 mm
T20 Hinged lever with lever length 20 mm
S03 Simulated hinged roller lever length 15 mm
L14 Leaf lever with lever length 14 mm
L16 Simulated leaf roller lever length 16 mm
L20 Leaf lever with lever length 20 mm
Terminations*
P PC Thru-hole
S Solder
J Wire leads out bottom
K Wire leads out right side
W Wire leads out left side
Z M
Pillar Type or Mounting Style
A0 Standard (No support post)
B5 Pillar type B 5 mm
B2 Pillar type B 2 mm
C5 Pillar type C 5 mm
C2 Pillar type C 2 mm
F0 Pillar type F 1.5 mm
V
NEW
Operating Force
150 150 grams
Wire Type for J, K, W
Terminations*
NONE AVSS 0.3 mm2 (Default)
20 UL1007 20 AWG
22 UL1007 22 AWG
24 UL1007 24 AWG
UL61058-1


Similar Part No. - ZMVG03-150-T13SY-B220

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV829 ZETEX-ZMV829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV829 ZETEX-ZMV829 Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV829 ZETEX-ZMV829 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZMV829 ZETEX-ZMV829 Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZMVG03-150-T13SY-B220

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
   Mini Size Snap-acting Switches
2021
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
   Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
   Mini Size Snap-acting Switches
27 Sep 19
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
   Mini Size Snap-acting Switches
2021
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
   Mini Size Snap-acting Switches
2020
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
   Mini Size Snap-acting Switches
31 May 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
   Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
   Mini Size Sealed Snap-acting Switches
2022
LCA CK-COMPONENTS-LCA_V01 Datasheet
445Kb / 4P
   Small Size Snap-acting Switches
12 Jul 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com