Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

563735 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 563735
Description  Pressure gauge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

563735 Datasheet(HTML) 1 Page - Festo Corporation.

  563735 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure gauge
PAGN-26-1.6M-P10
Part number: 563735
Data sheet
Feature
Value
Display range
0 MPa ... 1.6 MPa
Symbol
00991463
Pressure gauge nominal size
26
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Structural design
Bourdon tube pressure gauge
Type of mounting
Line installation
Operating medium
Inert gas
Neutral liquids
Operating pressure
0 MPa ... 1.6 MPa
Operating pressure
0 bar ... 16 bar
Operating pressure
0 psi ... 232 psi
Intermittent load factor
0.66
Measurement accuracy class
5
Degree of protection
IP43
Temperature of medium
-20 °C ... 60 °C
Ambient temperature
-20 °C ... 60 °C
Note on materials
RoHS-compliant
Connection position
Centered on rear side
Pneumatic connection
Cartridge 10 mm
Materials in contact with the media
Brass
Material of screwed trunnion
Brass
Housing material
PA
Inspection window material
PS
Housing colour
Black
Product weight
15 g
Information on operating and pilot media
No acetylene
No oxygen
8/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 563735

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
563731 FESTO-563731 Datasheet
110Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563733 FESTO-563733 Datasheet
101Kb / 2P
Pressure gauge
8/10/22
563734 FESTO-563734 Datasheet
102Kb / 2P
Pressure gauge
8/10/22
563736 FESTO-563736 Datasheet
108Kb / 1P
Pressure gauge
8/10/22
More results

Similar Description - 563735

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
logo
Copal Electronics
PG-75 COPAL-PG-75 Datasheet
2Mb / 10P
PRESSURE GAUGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com