Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300950152 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300950152
Description  PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300950152 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300950152 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CABLE
RANGE
LENGTH
"B"
BREAK
STRENGTH*
(LBS/N)
PRODUCT
SELECTION
NUMBER
1300950146
1300950147
1300950148
1300950149
1300950150
1300950151
1300950152
1300950153
1300950154
.50-.61 / 12.7-15.5
.62-.74 / 15.7-18.8
1.00-1.24 / 25.4-31.5
1.25-1.49 / 31.8-37.8
1.50-1.74 / 1.50-44.2
1.75-1.99 / 44.5-50.5
2.00-2.49 / 50.8-63.2
2.50-2.99 / 63.5-75.9
.75-.99 / 19.1-25.1
3400 / 15124
4100 / 18238
4100 / 18238
5800 / 25800
5800 / 25800
7500 / 33362
10000 / 44482
10000 / 44482
13000 / 57827
PL050-1
PL062-1
PL075-1
PL100-1
PL125-1
PL150-1
PL175-1
PL200-1
PL250-1
CATALOG
NUMBER
35901
35902
35903
35904
35905
35906
35907
35908
35909
NOMINAL
ROD
DIAMETER
.56 / 14.2
.68 / 17.3
.87 / 22.1
1.12 / 28.4
1.37 / 34.8
1.62 / 41.1
1.87 / 47.5
2.25 / 57.2
2.75 / 69.9
LENGTH "M"
MEASURED WITH
NOMINAL ROD DIAMETER
LENGTH "B"
SINGLE WEAVE
MESH CONSTRUCTION
MATERIAL
NUMBER
*TO DETERMINE RECOMMENDED WORKING LOAD, DIVIDE BREAK STRENGTH BY 5.
LENGTH
"M"
Y
E
S
N
O
LISTED
UL
CSA
APPROVED
ITEM DESCRIPTION
MATERIAL
1
2
WIRE MESH
GALVANIZED STEEL
3
SHOULDER PROTECTOR ALUMINUM
FERRULE
ALUMINUM
4
BALE WIRE
GALVANIZED STEEL
5
LABEL
MYLAR
1
2
3
4
5
A
B
C
D
E
1
2
3
4
5
6
NTS
SCALE
SD-130095-101
MOLEX INCORPORATED
SIZE
INCH
INCH/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
LIGHT DUTY
PULLING GRIPS
FLEXIBLE EYE
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
1/2
.020
.010
.005
---
.25
.13
---
---
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
GENERAL TOLERANCES
(UNLESS SPECIFIED)
=
=
THIRD ANGLE
PROJECTION
A
C
A
A
B
C
D
E
1
2
3
4
5
6
1 OF 1
SEE TABLE
0
0


Similar Part No. - 1300950152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950152 MOLEX11-1300950152 Datasheet
29Kb / 1P
Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye, Short Mesh Length 0.597m
1300950152 MOLEX-1300950152 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950152 MOLEX-1300950152 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950152 MOLEX-1300950152 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950152 MOLEX-1300950152 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
More results

Similar Description - 1300950152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950147 MOLEX-1300950147 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950149 MOLEX-1300950149 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950151 MOLEX-1300950151 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950152 MOLEX-1300950152 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950153 MOLEX-1300950153 Datasheet
141Kb / 1P
PULLING GRIPS LIGHT DUTY FLEXIBLE EYE
2014/10/14
1300950165 MOLEX-1300950165 Datasheet
155Kb / 1P
PULLING GRIPS MEDIUM DUTY SHORT LENGTH FLEXIBLE EYE
2014/10/14
1300950166 MOLEX-1300950166 Datasheet
155Kb / 1P
PULLING GRIPS MEDIUM DUTY SHORT LENGTH FLEXIBLE EYE
2014/10/14
1300950168 MOLEX-1300950168 Datasheet
155Kb / 1P
PULLING GRIPS MEDIUM DUTY SHORT LENGTH FLEXIBLE EYE
2014/10/14
1300950170 MOLEX-1300950170 Datasheet
155Kb / 1P
PULLING GRIPS MEDIUM DUTY SHORT LENGTH FLEXIBLE EYE
2014/10/14
1300950200 MOLEX-1300950200 Datasheet
142Kb / 1P
PULLING GRIPS JUNIOR DUTY FLEXIBLE EYE
2014/10/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com