Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N3904
Description  NPN General - Purpose Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904 Datasheet(HTML) 5 Page - ON Semiconductor

  2N3904 Datasheet HTML 1Page - ON Semiconductor 2N3904 Datasheet HTML 2Page - ON Semiconductor 2N3904 Datasheet HTML 3Page - ON Semiconductor 2N3904 Datasheet HTML 4Page - ON Semiconductor 2N3904 Datasheet HTML 5Page - ON Semiconductor 2N3904 Datasheet HTML 6Page - ON Semiconductor 2N3904 Datasheet HTML 7Page - ON Semiconductor 2N3904 Datasheet HTML 8Page - ON Semiconductor 2N3904 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2N3904
www.onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
1
10
100
Figure 13. Storage Time vs. Collector Current
Figure 14. Fall Time vs. Collector Current
110
100
5
100
500
IC, Collector Current (mA)
IB1 = IB2 =
IC
10
10
IC, Collector Current (mA)
1
10
100
IB1 = IB2 =
IC
10
0.1
1
10
Figure 15. Current Gain
10
100
500
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
VCC = 40 V
1
10
100
5
100
500
IC, Collector Current (mA)
10
0.1
1
10
Figure 16. Output Admittance
0.1
1
10
Figure 17. Input Impedance
0.1
1
10
100
0.1
1
10
Figure 18. Voltage Feedback Ratio
1
7
10
IC, Collector Current (mA)
IC, Collector Current (mA)
IC, Collector Current (mA)
2
3
4
5
VCE = 10 V
f = 1.0 kHz
TA = 25°C
VCE = 10 V
f = 1.0 kHz
TA = 25°C
VCE = 10 V
f = 1.0 kHz
TA = 25°C
VCE = 10 V
f = 1.0 kHz
TA = 25°C


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Transys Electronics
2N3904 TRSYS-2N3904 Datasheet
32Kb / 2P
NPN SIMALL SIGNAL TRANSISTOR
logo
Rohm
2N3904 ROHM-2N3904 Datasheet
90Kb / 4P
NPN General Purpose Transistor
logo
Seme LAB
2N3904 SEME-LAB-2N3904 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com