Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3904
Description  NPN General - Purpose Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904 Datasheet(HTML) 4 Page - ON Semiconductor

  2N3904 Datasheet HTML 1Page - ON Semiconductor 2N3904 Datasheet HTML 2Page - ON Semiconductor 2N3904 Datasheet HTML 3Page - ON Semiconductor 2N3904 Datasheet HTML 4Page - ON Semiconductor 2N3904 Datasheet HTML 5Page - ON Semiconductor 2N3904 Datasheet HTML 6Page - ON Semiconductor 2N3904 Datasheet HTML 7Page - ON Semiconductor 2N3904 Datasheet HTML 8Page - ON Semiconductor 2N3904 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2N3904
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
1
10
100
5
100
500
IC, Collector Current (mA)
IB1 = IB2 =
IC
10
10
1
10
100
VCE = 5 V
0
2
4
6
8
10
12
0
2
4
6
8
10
12
0.5
0.75
1
0.25
1
10
100
1000
5
100
500
0.1
1
10
100
0.1
1
10
Figure 7. Noise Figure vs. Frequency
f, Frequency (kHz)
RS, Source Resistance (kW)
Figure 8. Noise Figure vs. Source Resistance
IC, Collector Current (mA)
f, Frequency (MHz)
Temperature (5C)
Figure 9. Current Gain and Phase Angle
vs. Frequency
Figure 10. Power Dissipation
vs. Ambient Temperature
Figure 11. Turn−On Time vs. Collector Current
100
0
td @ VCB = 0 V
IC = 1.0 mA
RS = 200 W
IC = 50 mA
RS = 1.0 kW
IC = 0.5 mA
RS = 200 W
IC = 100 mA
RS = 500 W
IC = 1.0 mA
IC = 5.0 mA
IC = 100 mA
IC = 50 mA
0
5
10
15
20
25
30
35
40
45
50
180
160
140
120
100
80
60
40
20
0
25
50
75
100
125
150
0
VCE = 40 V
IC = 10 mA
hfe
q
TO−92
IB1 = IB2 =
IC
10
10
15 V
tr @ VCC = 3.0 V
2.0 V
40 V
VCC = 40 V
TJ = 25°C
TJ = 125°C
Figure 12. Rise Time vs. Collector Current


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904 Datasheet
56Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Continental Device Indi...
2N3904 CDIL-2N3904 Datasheet
360Kb / 5P
NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
NPN Silicon Transistor (General small signal application)
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com