Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KVP7050 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KVP7050
Description  SMD LVPECL VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KVP7050 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KVP7050 Datasheet HTML 1Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KVP
SMD LVPECL VCXO
KVP7050
Features
Voltage Controlled Crystal Oscillator (VCXO).
Fundamental /PLL solution.
LVPECL output, output frequencies 50MHz to 700MHz.
Wide pull range and good linearity.
Excellent low phase noise and jitter.
3-state function available.
Automatic mounting and reflow soldering.
Applications: SDH, SONET, Ethernet, Base Stations, Femtocell, Satellite, etc.
Electrical Specifications
Type
SMD 7050 VCXO
Output Type
LVPECL
Output Load
50Ω to VDD-2V
50Ω to VDD-2V
100Ω
Oscillation Mode
Fundamental
PLL
Multiplier
Frequency Range
50MHz~200MHz
60MHz~700MHz
200MHz~700MHz
Supply Voltage
Operating Temperature Range
Storage Temperature Range
Voltage Vol (Typ.) / Voh (Typ.)
Rise(Tr) / Fall(Tf) Time(20%~80%)
3.3V
-20~+70°C, -40~+85°C, or specify
-55~+125°C
VDD-1.62V /VDD-1.025V
1ns Max.
Supply Current
80mA Max.
99mA Max.
80mA Max.
Symmetry
Start-up Time
Absolute Pulling Range (APR)*
Nominal Control Voltage
Control Voltage Range
Linearity
45~55%
10ms Max.
±50ppm Min., or specify
0.5VDD
0~VDD
10% Max.
Phase Jitter(12kHz~20MHz)
1ps Max.
1ps Max
±10ps Max
* APR=(Pull Range)-(Frequency tolerance at 25°C, variation over temperature, supply voltage variation, and aging. )
Ordering Information
KVP7050
050M
33
00
A
50
Product
Code
Frequency
Range
50MHz
Supply
Voltage
33=3.3V
Frequency
Stability
00=No Item
Operating Temperature
APR
50=±50ppm
A:-20~+70℃
B:-10~+70℃
C:-40~+85℃
D:-40~+125℃
E:-10~+60℃
F:-30~+70℃
Dimension
Units:mm


Similar Part No. - KVP7050

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
KVP7 EDI-KVP7 Datasheet
49Kb / 2P
   KILOVOLT RECTIFIER ASSEMBLIES
More results

Similar Description - KVP7050

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KVPM AITSEMI-KVPM Datasheet
239Kb / 1P
   SMD LVPECL VCXO
KVP3225 AITSEMI-KVP3225 Datasheet
253Kb / 1P
   SMD LVPECL VCXO
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940 Datasheet
121Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CVPD-970 CRYSTEKCRYSTAL-CVPD-970 Datasheet
126Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
logo
Nel Frequency Controls,...
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
logo
Renesas Technology Corp
IDT8CA3V76-0137 RENESAS-IDT8CA3V76-0137 Datasheet
438Kb / 16P
   LVPECL Frequency VCXO
MARCH 22, 2012
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
CVPD-970 CRYSTEKCRYSTAL-CVPD-970_15 Datasheet
147Kb / 2P
   Differential LVPECL VCXO
logo
Nel Frequency Controls,...
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com