Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM15EG221SN1J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # BLM15EG221SN1J
Description  Excellent high frequency impedance characteristics with 0402 (EIA) size.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM15EG221SN1J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  BLM15EG221SN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM15EG221SN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM15EG221SN1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLM15EG221SN1J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Search Data Sheet
BLM15EG221SN1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM15EG221SN1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM15EG221SN1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/22/2022
< List of part numbers with package codes >
BLM15EG221SN1B
BLM15EG221SN1D
BLM15EG221SN1J
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
1000
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
1 of 4


Similar Part No. - BLM15EG221SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15EG221SN1J MURATA-BLM15EG221SN1J Datasheet
62Kb / 3P
Chip EMIFIL Inductor Type
More results

Similar Description - BLM15EG221SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15EG121SZ1 MURATA1-BLM15EG121SZ1_V01 Datasheet
279Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15EG221SH1 MURATA1-BLM15EG221SH1 Datasheet
278Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15EX121SN1 MURATA1-BLM15EX121SN1_V01 Datasheet
285Kb / 4P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HD102SH1 MURATA1-BLM15HD102SH1_V01 Datasheet
247Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HD182SH1 MURATA1-BLM15HD182SH1_V01 Datasheet
246Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HD182SZ1 MURATA1-BLM15HD182SZ1_V01 Datasheet
246Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HD601BH1 MURATA1-BLM15HD601BH1 Datasheet
332Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HD601SN1 MURATA1-BLM15HD601SN1_V01 Datasheet
251Kb / 4P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HG102BH1 MURATA1-BLM15HG102BH1 Datasheet
279Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
BLM15HG601SZ1 MURATA1-BLM15HG601SZ1_V01 Datasheet
245Kb / 3P
Excellent high frequency impedance characteristics with 0402 (EIA) size.
Last updated06/30/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com