Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8158419 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8158419
Description  Flow sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8158419 Datasheet(HTML) 1 Page - Festo Corporation.

  8158419 Datasheet HTML 1Page - Festo Corporation. 8158419 Datasheet HTML 2Page - Festo Corporation. 8158419 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Flow sensor
SFAH-50U-Q6S-PNLK-PNVBA-M8
Part number: 8158419
Data sheet
Feature
Value
Symbol
00995794
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Certificate issuing authority
UL E322346
Note on materials
RoHS-compliant
Measured variable
Mass flow rate
Volumetric flow rate
Flow direction
Unidirectional
Measuring principle
Thermal
Method of measurement
Heat transfer
Flow measuring range start value
1 l/min
Flow measuring range end value
50 l/min
Operating pressure
-0.9 bar ... 10 bar
Operating medium
Argon
Compressed air as per ISO 8573-1:2010 [6:4:4]
Nitrogen
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Nominal temperature
23 °C
Accuracy of flow rate
± (2% o.m.v. + 1% FS)
Zero point repetition accuracy in ± %FS
0.2 %FS
Repetition accuracy margin in ± %FS
0.8 %FS
Temperature co-efficient margin in ± %FS/K
typ. 0.15% FS/K
Pressure influence of margin in ±%FS/bar
1 %FS/b.
Switching output
2 x PNP or 2 x NPN switchable
Switching function
Window comparator
Threshold value comparator
Auto difference monitoring
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Analog output
0 - 10 V
4 - 20 mA
1 - 5 V
Flow characteristic curve, start value
0 l/min
7/13/22 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8158419

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8158411 FESTO-8158411 Datasheet
105Kb / 3P
   Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
   Flow sensor
7/13/22
8158414 FESTO-8158414 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
8158415 FESTO-8158415 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
More results

Similar Description - 8158419

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8158422 FESTO-8158422 Datasheet
103Kb / 3P
   Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
   Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
   Flow sensor
7/13/22
610916 FESTO-610916 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
   Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
   Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
   Flow sensor
7/13/22
610783 FESTO-610783 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
8158415 FESTO-8158415 Datasheet
104Kb / 3P
   Flow sensor
7/13/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com