Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7596 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # A7596
Description  DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7596 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  A7596 Datasheet HTML 1Page - AiT Semiconductor Inc. A7596 Datasheet HTML 2Page - AiT Semiconductor Inc. A7596 Datasheet HTML 3Page - AiT Semiconductor Inc. A7596 Datasheet HTML 4Page - AiT Semiconductor Inc. A7596 Datasheet HTML 5Page - AiT Semiconductor Inc. A7596 Datasheet HTML 6Page - AiT Semiconductor Inc. A7596 Datasheet HTML 7Page - AiT Semiconductor Inc. A7596 Datasheet HTML 8Page - AiT Semiconductor Inc. A7596 Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7596
DC-DC CONVERTER/ BUCK (STEP-DOWN)
150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
- MAY 2009 RELEASED, MAR 2015 UPDATE -
- 2 -
PIN DESCRIPTION
Top View
Pin #
Symbol
Function
1
VIN
Input Voltage Pin
2
VOUT
Output Voltage Pin
3
GND
Ground Pin
4
FB
Feed Back Pin
5
/EN
Enable Pin


Similar Part No. - A7596

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759BQ106M1HAAE090 KEMET-A759BQ106M1HAAE090 Datasheet
5Mb / 16P
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1HAAE105 KEMET-A759BQ106M1HAAE105 Datasheet
61Kb / 1P
Polymer Aluminum, 125C LowZ, A759, 10 uF, 20%, 50 V, -55/125C, Lead Spacing = 2mm
A759BQ106M1JAAE090 KEMET-A759BQ106M1JAAE090 Datasheet
5Mb / 16P
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
61Kb / 1P
Polymer Aluminum, 125C LowZ, A759, 10 uF, 20%, 35 V, -55/125C, 11mm, Lead Spacing = 2mm
More results

Similar Description - A7596

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
206Kb / 12P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
BCD Semiconductor Manuf...
AP3001 BCDSEMI-AP3001 Datasheet
240Kb / 15P
150kHz 3A PWM BUCK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com