Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7596 Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # A7596
Description  DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A7596 Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  A7596 Datasheet HTML 1Page - AiT Semiconductor Inc. A7596 Datasheet HTML 2Page - AiT Semiconductor Inc. A7596 Datasheet HTML 3Page - AiT Semiconductor Inc. A7596 Datasheet HTML 4Page - AiT Semiconductor Inc. A7596 Datasheet HTML 5Page - AiT Semiconductor Inc. A7596 Datasheet HTML 6Page - AiT Semiconductor Inc. A7596 Datasheet HTML 7Page - AiT Semiconductor Inc. A7596 Datasheet HTML 8Page - AiT Semiconductor Inc. A7596 Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7596
DC-DC CONVERTER/ BUCK (STEP-DOWN)
150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
- MAY 2009 RELEASED, MAR 2015 UPDATE -
- 3 -
ABSOLUTE MAXIMUM RATINGS
PD, Power Dissipation
Internally Limited(W)
VIN, Maximum Supply Voltage
45V
EN, EN Pin Input Voltage
-0.3V < V < + VIN
θJT, Thermal resistance junction to Case
3.0°C /W
θJA, Thermal resistance junction to Ambient
36°C /W
TJ, Operating Junction Temperature Range
-40°C~+125°C
TSTG, Storage Temperature Range
-65°C~+150°C
ESD, Minimum EDS Rating
2KV
TLEAD, Lead Soldering Temperature (Soldering, 10 sec)
260°C
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ.
Max
Units
Input Voltage
VIN
40
V
Peak Current
IPC
3.4
A
Maximum Load Current
IOUT
3
A
Junction Temperature
TJ
-40
150
°C


Similar Part No. - A7596

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759BQ106M1HAAE090 KEMET-A759BQ106M1HAAE090 Datasheet
5Mb / 16P
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1HAAE105 KEMET-A759BQ106M1HAAE105 Datasheet
61Kb / 1P
Polymer Aluminum, 125C LowZ, A759, 10 uF, 20%, 50 V, -55/125C, Lead Spacing = 2mm
A759BQ106M1JAAE090 KEMET-A759BQ106M1JAAE090 Datasheet
5Mb / 16P
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
61Kb / 1P
Polymer Aluminum, 125C LowZ, A759, 10 uF, 20%, 35 V, -55/125C, 11mm, Lead Spacing = 2mm
More results

Similar Description - A7596

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
206Kb / 12P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
BCD Semiconductor Manuf...
AP3001 BCDSEMI-AP3001 Datasheet
240Kb / 15P
150kHz 3A PWM BUCK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com