Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16100S-45KIG Datasheet(PDF) 20 Page - Integrated Circuit Solution Inc

Part # IC41C16100S-45KIG
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16100S-45KIG Datasheet(HTML) 20 Page - Integrated Circuit Solution Inc

Back Button IC41C16100S-45KIG Datasheet HTML 13Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 14Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 15Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 16Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 17Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 18Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 19Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 20Page - Integrated Circuit Solution Inc IC41C16100S-45KIG Datasheet HTML 21Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
IC41C16100S
IC41LV16100S
20
Integrated Circuit Solution Inc.
DR010-0D 11/26/2004
SELF REFRESH CYCLE (Addresses : WE and OE = DON'T CARE)
tRASS
tRP
tRPS
DQ
UCAS/LCAS
RAS
Open
tCP
VIH
VIL
VIH
VIL
VOH
VOL
tRPC
tCSR
tCHD
tRPC
tCP
Don’t Care
TIMING PARAMETERS
-45
-50
-60
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Units
tCHD
8—
8
10
ns
tCP
7
9—
9—
ns
tCSR
5
5—
5—
ns
tRASS
100
100
100
µs
tRP
28
30
40
ns
tRPS
77
84
104
ns
tRPC
5
5—
5—
ns
ORDERING INFORMATION: 5V (Pb-free)
Commercial Range: 0°C to 70°C
Speed (ns)
Order Part No.
Package
45
IC41C16100S-45K(G)
400mil SOJ(Pb-free)
IC41C16100S-45T(G)
400mil TSOP-2(Pb-free)
50
IC41C16100S-50K(G)
400mil SOJ(Pb-free)
IC41C16100S-50T(G)
400mil TSOP-2(Pb-free)
60
IC41C16100S-60K(G)
400mil SOJ(Pb-free)
IC41C16100S-60T(G)
400mil TSOP-2(Pb-free)
ORDERING INFORMATION: 5V (Pb-free)
Industrial Range: -40°C to 85°C
Speed (ns)
Order Part No.
Package
45
IC41C16100S-45KI(G)
400mil SOJ(Pb-free)
IC41C16100S-45TI(G)
400mil TSOP-2(Pb-free)
50
IC41C16100S-50KI(G)
400mil SOJ(Pb-free)
IC41C16100S-50TI(G)
400mil TSOP-2(Pb-free)
60
IC41C16100S-60KI(G)
400mil SOJ(Pb-free)
IC41C16100S-60TI(G)
400mil TSOP-2(Pb-free)


Similar Part No. - IC41C16100S-45KIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50K ICSI-IC41C16100A-50K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50T ICSI-IC41C16100A-50T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60K ICSI-IC41C16100A-60K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60T ICSI-IC41C16100A-60T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41C16100S-45KIG

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com