Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-0110010-1 Datasheet(PDF) 6 Page - C&K Components

Part # 3-0110010-1
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3-0110010-1 Datasheet(HTML) 6 Page - C&K Components

  3-0110010-1 Datasheet HTML 1Page - C&K Components 3-0110010-1 Datasheet HTML 2Page - C&K Components 3-0110010-1 Datasheet HTML 3Page - C&K Components 3-0110010-1 Datasheet HTML 4Page - C&K Components 3-0110010-1 Datasheet HTML 5Page - C&K Components 3-0110010-1 Datasheet HTML 6Page - C&K Components 3-0110010-1 Datasheet HTML 7Page - C&K Components 3-0110010-1 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M–8
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
3 Series
Thumbwheel Switches
AVAILABLE HARDWARE
Blank sections, Type 0,
.315 THK.
PART NO.
413602000 W/RIB-BLACK
400502000 W/RIB & W/OUT SPRINGS-BLACK
Blank sections, Front mount, Type 0,
.315 THK.
PART NO.
413502000 PLAIN-BLACK
400702000 PLAIN & W/OUT SPRINGS-BLACK
PART NO.
400602000 W/RIB-BLACK
400802000 PLAIN-BLACK
Blank sections, Rear mount, Type 1,
.350 THK.
Blank sections, Rear mount, Type 2,
.350 THK.
PART NO.
473402000 W/RIB-BLACK
473302000 PLAIN-BLACK
End plates, Front mount, Type 0
PART NO.
413402000 BLACK
PART NO.
400402003 BLACK
End plates, Rear mount, Type 1
Stop pins
End plates, Rear mount, Type 2
PART NO.
473202003 BLACK
PART NO.
402900000
PART NO.
410802000 BLACK
Spacers, Front mount, Type 0 & 3, .078 THK.
(Makes section pitch 10mm)
Two required for
complete assembly.
Two required for
complete assembly.
4734
4733
4006
4008
Two required for
complete assembly.
M
6 Mar 20


Similar Part No. - 3-0110010-1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
   22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-R-11 ALTECH-3-001-R-11 Datasheet
176Kb / 1P
   22 mm Thermoplastic Enclosures White/Black Operator Capacity 2
logo
List of Unclassifed Man...
3-0057 ETC-3-0057 Datasheet
274Kb / 1P
   REVISED PER ECO 14834
REV. G
3-023 ETC2-3-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
3-0258 ETC-3-0258 Datasheet
289Kb / 1P
   RED INDICATES ORIGINAL
REV.K
More results

Similar Description - 3-0110010-1

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
C&K Components
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com