Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431AE3RX Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # A431AE3RX
Description  SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A431AE3RX Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  A431AE3RX Datasheet HTML 1Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 2Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 3Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 4Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 5Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 6Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 7Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 8Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A431A_A432A
SHUNT REGULATOR
HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
- JUL 2019 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The A431A and A432A devices are three-terminal
adjustable shunt regulators, with specified thermal
stability over applicable automotive, commercial,
and military temperature ranges.
The output voltage can be set to any value
between Vref (approximately 2.5V) and 36V, with
two external resistors. These devices have a
typical output impedance of 0.15 Ω. Active output
circuitry
provides
a
very
sharp
turn-on
characteristic, making these devices excellent
replacements
for
Zener
diodes
in
many
applications,
such
as
onboard
regulation,
adjustable power supplies, and switching power
supplies.
The A432A device has exactly the same
functionality and electrical specifications as the
A431A device, but has different pinouts. Both the
A431A and A432A devices are offered in two
grades, with initial tolerances (at 25°C) of 0.5% for
A, and 1%, for the B. In addition, low output drift
versus temperature ensures good stability over the
entire temperature range. The A431A and A432A
devices are characterized for operation from–40°C
to 125°C.
The A431A and A432A are available in SOT-23
package.
Reference Voltage Tolerance at 25°C
-0.5% (A Grade)
-1% (B Grade)
Adjustable Output Voltage: Vref to 36V
Operation From -40°C to 125°C
Low Output Noise
0.15Ω Typical Output Impedance
Sink current capability of 0.5 to 100mA
Available in SOT-23 package.
APPLICATIONS
Adjustable Voltage and Current Referencing
Secondary Side Regulation in Flyback SMPS
Zener Replacement
Voltage Monitoring
Comparator with Integrated Reference
TYPICAL APPLICATION
ORDERING INFORMATION
A431A
A432A
Package Type
Part Number
SOT-23
SPQ: 3,000pcs/Reel
E3
A431AE3R-X
A431AE3VR-X
A432AE3R-X
A432AE3VR-X
Note
X: Output Voltage Tolerance:
A or B, A=0.5%, B=1%
R: Tape & Reel
V: Halogen free Package
AiT provides all RoHS products


Similar Part No. - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results

Similar Description - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
logo
Zetex Semiconductors
ZHT2431 ZETEX-ZHT2431 Datasheet
176Kb / 6P
   HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT2431 DIODES-ZHT2431 Datasheet
183Kb / 6P
   HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
   Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com