Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431AE3RX Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # A431AE3RX
Description  SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A431AE3RX Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  A431AE3RX Datasheet HTML 1Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 2Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 3Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 4Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 5Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 6Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 7Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 8Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A431A_A432A
SHUNT REGULATOR
HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
- JUL 2019 RELEASED -
- 4 -
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, typical values are at TA = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Reference Input Voltage
VREF
VKA=VREF,
IKA=10mA
0.5%
2.487
2.5
2.513
V
1%
2.475
2.5
2.525
Deviation of Reference Input
Voltage Over Temperature
ΔVREF/
ΔT
VKA=VREF, IKA=10mA
Tmin ≤ TA≤ Tmax
-
4.5
23
mV
Ratio of Change in Reference
Input Voltage to the change in
Cathode Voltage
ΔVREF/
ΔVKA
IKA=10mA
ΔVKA=10V~VREF
-
-1.0
-2.7
mV/V
ΔVKA=36V~ 10V
-
-0.5
-2.0
mV/V
Reference Input Current
IREF
IKA=10mA, R1=10kΩ
R2=∞
-
1.5
4
μA
Deviation of Reference Input
Current Over Full Temperature
ΔIREF/
ΔT
IKA=10mA, R1=10kΩ
R2=∞
-40℃ ≤ TA ≤ +125℃
-
0.2
0.4
μA
Minimum Cathode Current for
Regulation
IKA(MIN)
VKA=VREF
-
0.3
0.5
mA
Off-State Cathode Current
IKA(OFF)
VKA=36V, VREF=0V
-
0.05
0.5
μA
Dynamic Impedance
ΙZKAΙ
VKA=VREF,
IKA=1 to 100mA, f≤1kHz
-
0.15
0.5
Ω


Similar Part No. - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results

Similar Description - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
logo
Zetex Semiconductors
ZHT2431 ZETEX-ZHT2431 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT2431 DIODES-ZHT2431 Datasheet
183Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com