Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431AE3RX Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # A431AE3RX
Description  SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A431AE3RX Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  A431AE3RX Datasheet HTML 1Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 2Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 3Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 4Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 5Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 6Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 7Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 8Page - AiT Semiconductor Inc. A431AE3RX Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A431A_A432A
SHUNT REGULATOR
HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
- JUL 2019 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25, unless otherwise noted.
VKA, Cathode Voltage
SOT-23
-0.3V~37V
IKA, Cathode Current Range (Continuous)
-100mA~+150mA
IREF, Reference Input Current Range
-0.05mA~+10mA
PD, Power Dissipation
SOT-23
350mW
TOPR, Operating Junction Temperature Range
-40℃~+125℃
TJ, Junction Temperature
150℃
TSTG, Storage Temperature Range
-55℃~ +150℃
V(ESD), Electrostatic Discharge
Human-body model (HBM)
±4000V
Charge device model (MM)
±200V
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IKA
0.5
-
100
mA
Operating Ambient Temperature Range
TA
-40
-
+125


Similar Part No. - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results

Similar Description - A431AE3RX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
logo
Zetex Semiconductors
ZHT2431 ZETEX-ZHT2431 Datasheet
176Kb / 6P
   HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZHT2431 DIODES-ZHT2431 Datasheet
183Kb / 6P
   HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
   Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM1431A NJRC-NJM1431A Datasheet
76Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com