Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431E3RX Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # A431E3RX
Description  SHUNT REGULATOR ADJUSTABLE PRECISION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A431E3RX Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  A431E3RX Datasheet HTML 1Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 2Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 3Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 4Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 5Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 6Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 7Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 8Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A431
SHUNT REGULATOR
ADJUSTABLE PRECISION
REV2.4
- JAN 2012 RELEASED, JUN 2019 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA=25℃
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Reference Input Voltage
VREF
VKA=VREF,
IKA=10mA
0.5%
2.487
2.5
2.513
V
1%
2.475
2.5
2.525
Deviation of Reference Input
Voltage Over Temperature
ΔVREF/
ΔT
VKA=VREF, IKA=10mA
-25℃ ≤ TA ≤ +85℃
-
4.5
17
mV
Ratio of Change in Reference
Input Voltage to the change in
Cathode Voltage
ΔVREF/
ΔVKA
IKA=10mA
ΔVKA
=10V~VREF
-
-1.0
-2.7
mV/V
ΔVKA
=36V~ 10V
-
-0.5
-2.0
mV/V
Reference Input Current
IREF
IKA=10mA, R1=10kΩ,
R2=∞
-
1.5
4
μA
Deviation of Reference Input
Current Over Full Temperature
ΔIREF/
ΔT
IKA=10mA, R1=10kΩ
R2=∞
-25℃ ≤ TA ≤ +85℃
-
0.4
1.2
μA
Minimum Cathode Current for
Regulation
IKA(MIN)
VKA=VREF
-
0.45
1.0
mA
Off-Stage Cathode Current
IKA(OFF)
VKA=36V, VREF=0V
-
0.05
1.0
μA
Dynamic Impedance
ZKA
VKA=VREF,IKA=1 to
100mA, f≤1kHz
-
0.15
0.5
Ω


Similar Part No. - A431E3RX

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431A AUK-A431A Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results

Similar Description - A431E3RX

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com