Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A431E3RX Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # A431E3RX
Description  SHUNT REGULATOR ADJUSTABLE PRECISION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A431E3RX Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  A431E3RX Datasheet HTML 1Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 2Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 3Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 4Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 5Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 6Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 7Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 8Page - AiT Semiconductor Inc. A431E3RX Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A431
SHUNT REGULATOR
ADJUSTABLE PRECISION
REV2.4
- JAN 2012 RELEASED, JUN 2019 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25, unless otherwise noted.
VKA, Cathode Voltage
SOT-23, SOT89-3
37V
TO-92
36V
IKA, Cathode Current Range (Continuous)
-100mA~+150mA
IREF, Reference Input Current Range
-0.05mA~+10mA
PD, Power Dissipation
SOT-23
350mW
SOT89-3
500mW
TO-92
770mW
RθJA, Thermal Resistance from Junction to Ambient
SOT89-3
250℃/W
TO-92
162℃/W
TOPR, Operating Temperature Range
-25℃~+85℃
TJ, Junction Temperature
150℃
TSTG, Storage Temperature Range
-65℃~ +150℃
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IKA
1
-
100
mA


Similar Part No. - A431E3RX

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431A AUK-A431A Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A431AE3RX AITSEMI-A431AE3RX Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results

Similar Description - A431E3RX

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com