Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21PG220SN1D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # BLM21PG220SN1D
Description  The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM21PG220SN1D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  BLM21PG220SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM21PG220SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM21PG220SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLM21PG220SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Search Data Sheet
BLM21PG220SN1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM21PG220SN1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM21PG220SN1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/15/2022
Specifications
Shape
SMD
Size Code (in inch)
0805
Length
2.0mm
Length
 Tolerance
±0.2mm
Width
1.25mm
Width Tolerance
±0.2mm
Thickness
0.85mm
Thickness
 Tolerance
±0.2mm
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
0.01g
Number of Circuit
1
Rated Current (at 85
℃)
6A
Rated Current (at 125
℃)
3.3A
DC Resistance(max.)
0.009Ω
Impedance (at 100MHz)
22Ω
Impedance (at 100MHz)
Tolerance
±25%
Size Code (in mm)
2012
3 of 4


Similar Part No. - BLM21PG220SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM21PG220SN1D MURATA1-BLM21PG220SN1D Datasheet
330Kb / 10P
   Chip Ferrite Bead
BLM21PG220SN1D MURATA1-BLM21PG220SN1D Datasheet
330Kb / 10P
   Chip Ferrite Bead BLM21
More results

Similar Description - BLM21PG220SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15PE121SH1 MURATA1-BLM15PE121SH1 Datasheet
392Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/30/2022
BLM15BX121SN1 MURATA1-BLM15BX121SN1_V01 Datasheet
248Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/30/2022
BLM18KG221WH1 MURATA1-BLM18KG221WH1 Datasheet
534Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18KG331SH1 MURATA1-BLM18KG331SH1_V01 Datasheet
292Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18KG601WH1 MURATA1-BLM18KG601WH1 Datasheet
534Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM18KG700JH1 MURATA1-BLM18KG700JH1_V01 Datasheet
308Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM18KG700TH1 MURATA1-BLM18KG700TH1_V01 Datasheet
290Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM18PG121SH1 MURATA1-BLM18PG121SH1_V01 Datasheet
335Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM18PG221SN1 MURATA1-BLM18PG221SN1_V01 Datasheet
336Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
BLM21BD272SH1 MURATA1-BLM21BD272SH1_V01 Datasheet
325Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM21BD331SH1 MURATA1-BLM21BD331SH1_V01 Datasheet
325Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com