Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

610783 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 610783
Description  Flow sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

610783 Datasheet(HTML) 2 Page - Festo Corporation.

  610783 Datasheet HTML 1Page - Festo Corporation. 610783 Datasheet HTML 2Page - Festo Corporation. 610783 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Flow characteristic curve, end value
10 l/min
Max. load resistance of current output
500 Ohm
Min. load resistance of voltage output
20 kOhm
Short-circuit protection
yes
Overload protection
Available
Protocol
IO-Link®
IO-Link®, protocol version
Device V 1.1
IO-Link®, profile
Smart sensor profile
IO-Link®, function classes
Binary data channel (BDC)
Process data variable (PDV)
Identification
Diagnostics
Teach channel
IO-Link®, communication mode
COM2 (38,4 kBd)
IO-Link®, SIO mode support
Yes
IO-Link®, port class
A
IO-Link®, process data width IN
3 Byte
IO-Link®, process data content IN
1 bit BDC (volume monitoring)
14 bit PDV (flow measurement)
2 bit BDC (flow monitoring)
IO-Link®, service data contents IN
32 bit volume/mass measurement
IO-Link®, minimum cycle time
4 ms
IO-Link®, data memory required
<500 byte
DC operating voltage range
22 V ... 26 V
Idle current
≤25 mA
Reverse polarity protection
for all electrical connections
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
4
Electrical connection for input 1, connection pattern
00995428
Type of mounting
With accessories
Mounting position
Any
Pneumatic connection
For pneumatic tubing outside diameter 6 mm
Pneumatic connection, outlet direction
Straight
Product weight
60 g
Housing material
PA-reinforced
Materials in contact with the media
Wrought aluminum alloy, anodized
Epoxy
NBR
PA-reinforced
Silicon
Silicon nitride
High-alloy stainless steel
Display type
Illuminated LCD, multi-color
Displayable unit(s)
g
g/min
l
l/h
l/min
scft
scft/h
scft/min
Setting options
IO-Link®
Teach-in
Via display and pushbuttons
Protection against tampering
IO-Link®
PIN code
Degree of protection
IP40
Pressure drop
<5 mbar
7/13/22 - Subject to change - Festo SE & Co. KG
2/3


Similar Part No. - 610783

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6107 POMONA-6107 Datasheet
39Kb / 1P
32 Pin SOIC Clip Test Clip
logo
TE Connectivity Ltd
61070-1 TEC-61070-1 Datasheet
60Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
61070-2 TEC-61070-2 Datasheet
60Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 610783

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158415 FESTO-8158415 Datasheet
104Kb / 3P
Flow sensor
7/13/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com