Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFJ600301 Datasheet(PDF) 3 Page - Littelfuse

Part # LFJ600301
Description  LF SERIES CLASS J FUSE BLOCKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFJ600301 Datasheet(HTML) 3 Page - Littelfuse

  LFJ600301_V01 Datasheet HTML 1Page - Littelfuse LFJ600301_V01 Datasheet HTML 2Page - Littelfuse LFJ600301_V01 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWR-GARD® Blocks & Holders
LF SERIES CLASS J FUSE BLOCKS
76.2 (3.00)
254.0
(10.00)
236.7 (9.32)
15.9 (.63)
84.4 (3.32)
12.7 (.50)
16.0 (.63)
60.2 (2.37)
63.5 (2.50)
101.6
(4.00)
146.1
(5.75)
152.4
(6.00)
101.6 (4.00)
152.4 (6.00)
42.2 (1.66)
194.6 (7.66)
R4.3 (.17)
TYP.
Ø.3 THRU
Ø.8 .4
Ø.3 THRU
Ø.8 .4
298.5 (11.75)
101.6 (4.00)
119.0 (4.69)
304.8 (12.00)
15.9 (.63)
110.6 (4.36)
179.5 (7.07)
28.6 (1.13)
73.0 (2.88)
12.7 (.50)
292.1 (11.50)
Ø.3 THRU
Ø.6 .4
76.2 (3.00)
155.7 (6.13)
203.2 (8.00)
12.7 (.50)
63.5 (2.50)
77.9 (3.07)
56.4 (2.22)
99.3 (3.91)
12.7 (.50)
190.5 (7.50)
15.9 (.63)
72.4 (2.85)
Ø.3 THRU
Ø.8 .4
Dimensions mm (inches)
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own
applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
600 V 400 A
600 V 600 A
600 V 200 A
Littelfuse.com/lfj
© 2022 Littelfuse, Inc.
Rev: 021422
3 of 3


Similar Part No. - LFJ600301_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ600301CID LITTELFUSE-LFJ600301CID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LFJ600301CID-HX LITTELFUSE-LFJ600301CID-HX Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LFJ600301PID LITTELFUSE-LFJ600301PID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
More results

Similar Description - LFJ600301_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
Class J Fuse Blocks
2005
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com