Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03540901ZXGY Datasheet(PDF) 2 Page - Littelfuse

Part # 03540901ZXGY
Description  354 Series OMNI-BLOK짰 Molded Base Fuse Block for 3AB/3AG Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03540901ZXGY Datasheet(HTML) 2 Page - Littelfuse

  03540901ZXGY Datasheet HTML 1Page - Littelfuse 03540901ZXGY Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/13/19
Cartridge Fuse Blocks
Fuse Block > 354 Series
Solder Terminals
NEMA Style 3/16”
Quick Clip Terminals
1/4” Quick Clip
Terminals
NEMA Style 1/4” Quick
Clip .032”Terminals
NEMA Style 1/4” Quick
Clip Terminals
Number of
Poles
Reference
Dimension “A"
[mm]
Ordering No.
Ordering No.
03540101ZXGY
1
.50” [12.7]
03540021ZXBL*
03540621ZXBL*
03540821ZXBL*
03540921ZXBL*
1
.50” [12.7]
03540001ZXGY
03540601ZXGY
03540801ZXGY
03540701ZXGY*
03540901ZXGY
1
.50” [12.7]
03540002ZXGY
03540602ZXGY
03540802ZXGY
03540702ZXGY
03540902ZXGY
2
1.12” [28.5]
03540003ZXGY
03540603ZXGY
03540803ZXGY
03540703ZXGY
03540903ZXGY
3
1.75” [44.5]
03540004ZXGY
03540604ZXGY
03540804ZXGY
03540704ZXGY
03540904ZXGY
4
2.38” [60.5]
03540005ZXGY
03540605ZXGY
03540805ZXGY
03540705ZXGY
03540905ZXGY
5
3.00” [76.2]
03540006ZXGY
03540606ZXGY
03540806ZXGY
03540706ZXGY
03540906ZXGY
6
3.63” [92.2]
03540007ZXGY
03540607ZXGY
03540807ZXGY
03540707ZXGY
03540907ZXGY
7
4.25” [108.0]
03540008ZXGY
03540608ZXGY
03540808ZXGY
03540708ZXGY
03540908ZXGY
8
4.88” [124.0]
03540009ZXGY
03540609ZXGY
03540809ZXGY
03540709ZXGY
03540909ZXGY
9
5.50” [139.7]
03540010ZXGY
03540610ZXGY
03540810ZXGY
03540710ZXGY
03540910ZXGY
10
6.13” [155.7]
03540011ZXGY
03540611ZXGY
03540811ZXGY
03540711ZXGY
03540911ZXGY
11
6.75” [171.5]
03540012ZXGY
03540612ZXGY
03540812ZXGY
03540712ZXGY
03540912ZXGY
12
7.38” [187.5]
Ordering Information
* With Anti-Rotation Boss
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.


Similar Part No. - 03540901ZXGY

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0354031002 MOLEX4-0354031002 Datasheet
84Kb / 2P
   Crimp Terminal 35403, 0.30 (.0005) to 0.85 (.0013) AWG
logo
Littelfuse
03540501Z LITTELFUSE-03540501Z Datasheet
199Kb / 1P
   2-Position ATO짰 Style Fuse and Circuit Breaker Module
03540501Z LITTELFUSE-03540501Z Datasheet
3Mb / 24P
   POWR-BLOK??Modules
2012
03540501Z LITTELFUSE-03540501Z_V01 Datasheet
3Mb / 24P
   POWR-BLOK??Modules
2012
03540502Z LITTELFUSE-03540502Z Datasheet
199Kb / 1P
   2-Position ATO짰 Style Fuse and Circuit Breaker Module
More results

Similar Description - 03540901ZXGY

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03540621ZXBL LITTELFUSE-03540621ZXBL Datasheet
865Kb / 2P
   354 Series OMMI-BLOK짰 Molded Base Fuse Block for 3AG Fuses
254 LITTELFUSE-254_V01 Datasheet
568Kb / 2P
   254 Series OMNI-BLOK짰 Molded Base Fuse Block for 2AG Fuses
Revised: 11/25/19
520 LITTELFUSE-520_V01 Datasheet
578Kb / 2P
   520 Series Metric OMNI-BLOK짰 Molded Base Fuse Block for 5횞20mm Fuses
Revised: 06/07/21
344_PMB LITTELFUSE-344_PMB Datasheet
440Kb / 1P
   344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
646 LITTELFUSE-646_V01 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
03400312Z_0V1 LITTELFUSE-03400312Z_0V1 Datasheet
448Kb / 1P
   340 Series RF Shielded / Watertight Panel Mount Fuse Holders for 3AB/3AG Fuses
Revised: 12/10/19
124 LITTELFUSE-124 Datasheet
367Kb / 2P
   High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
520004 LITTELFUSE-520004 Datasheet
179Kb / 1P
   Metric OMNI-BLOK Fuse Block Molded Base Type
03440601Z LITTELFUSE-03440601Z Datasheet
561Kb / 1P
   344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
Revised: 05/20/19
656 LITTELFUSE-656 Datasheet
536Kb / 1P
   656 Series Molded Base PC Mount Fuse Block For 5횞20mm Fuses
Revised: 07/09/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com