Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

344404 Datasheet(PDF) 1 Page - Littelfuse

Part # 344404
Description  344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

344404 Datasheet(HTML) 1 Page - Littelfuse

  344404 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2019 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/01/19
Enclosed Fuseholders > Panel Mounted
Cartridge Fuse Holders
Ordering Information
Catalog Number
Voltage
Range
Lamp Type
Rating
Lamp
Current
Rear Panel
Lens
Color
344 000
Series
(Bar Knob)
344 400
Series
(Round
Knob)
344 006
344 401
2.5 to 7
6V Incandescent
.20 amp
Amber
344 012
344 402
7 to 16
14V Incandescent .08 amp
Amber
344 024
344 403
16 to 32 28V Incandescent .04 amp
Amber
344 125
344 404 100 to 125
Neon
.002 amp
Clear
344 250
344 405 200 to 250
Neon
.002 amp
Clear
Product Characteristics
Dimensions
2.67" MAXIMUM
WITH FUSE INSTALLED
1.10"
LOCK WASHER
RUBBER WASHER
HEX NUT
.11"
DIA.
.91"
.627"
.635"
.567"
.575"
2.38" MAXIMUM
WITH FUSE INSTALLED
.09" x .13"
HOLE
IN SIDE
TERMINAL
.81"
LOCK WASHER
RUBBER WASHER
344 400 Series
344 000 Series
HEX NUT
.11"
DIA.
.94"
Mounting Hole
Compatible
Fuses
3AG, 3AB
Electrical
Rated at 20 amperes at lamp voltage shown below.
Dielectric: withstanding voltage exceeds 1500 volts. All
fuseholders are supplied with a resistor. When designing
indicating type fuseholders into a circuit, consideration
should be given to the resistance of fractional amperage
fuses and the parallel resistance of the indicator lamp
and 7its resistor.
Mounting
Withstands 15 lb.-in. mounting torque. Maximum panel
thickness is .250”.
Molded Parts
Black Body and knob are thermoset (UL94 V-0), except
lens is thermoplastic (UL 94HB). See Table below for lens
color.
Knob
Bayonet style.
Terminals
Copper & copper alloy. Tin plated.
Ambient
Temperature
–40ºC to +85ºC.
Hardware
Neoprene washer, lockwasher & hex nut
unassembled. O-ring option available must
be ordered separately using part number 901-108.
Agency
Agency File Number
E14721
* Refer to Fuseology for information on proper fuseholder re-rating.
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
344 000 Series
344 400 Series
Agency Approvals
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at:
www.littelfuse.com/disclaimer-electronics.
Additional Information
Datasheet
Samples
Resources


Similar Part No. - 344404

ManufacturerPart #DatasheetDescription
logo
Littelfuse
344404 LITTELFUSE-344404 Datasheet
194Kb / 3P
Traditional Panel Mount Type
More results

Similar Description - 344404

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
Littelfuse
155 LITTELFUSE-155 Datasheet
479Kb / 1P
155 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
01550104ZXU LITTELFUSE-01550104ZXU_V01 Datasheet
162Kb / 1P
155100 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
Revised: GD. 06/07/22
03400312Z_0V1 LITTELFUSE-03400312Z_0V1 Datasheet
448Kb / 1P
340 Series RF Shielded / Watertight Panel Mount Fuse Holders for 3AB/3AG Fuses
Revised: 12/10/19
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
03440601Z LITTELFUSE-03440601Z Datasheet
561Kb / 1P
344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
Revised: 05/20/19
124 LITTELFUSE-124 Datasheet
367Kb / 2P
High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
354 LITTELFUSE-354_V01 Datasheet
614Kb / 2P
354 Series OMNI-BLOK짰 Molded Base Fuse Block for 3AB/3AG Fuses
Revised: 12/13/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com