Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM15BD221SZ1J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # BLM15BD221SZ1J
Description  The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM15BD221SZ1J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  BLM15BD221SZ1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM15BD221SZ1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM15BD221SZ1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
BLM15BD221SZ1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM15BD221SZ1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM15BD221SZ1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/27/2022
Specifications
Shape
SMD
Size Code (in inch)
0402
Length
1.0mm
Length
 Tolerance
±0.05mm
Width
0.5mm
Width Tolerance
±0.05mm
Thickness
0.5mm
Thickness
 Tolerance
±0.05mm
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
0.001g
Number of Circuit
1
Rated Current (at 85
℃)
300mA
Rated Current (at 125
℃)
300mA
DC Resistance(max.)
0.4Ω
Impedance (at 100MHz)
220Ω
Impedance (at 100MHz)
Tolerance
±25%
Size Code (in mm)
1005
2 of 3


Similar Part No. - BLM15BD221SZ1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15BD221SZ1 MURATA-BLM15BD221SZ1 Datasheet
196Kb / 3P
   Operating Temperature Range
More results

Similar Description - BLM15BD221SZ1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD331SN1 MURATA1-BLM21BD331SN1_V01 Datasheet
324Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM18BB471SZ1 MURATA1-BLM18BB471SZ1_V01 Datasheet
243Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BB750SN1 MURATA1-BLM18BB750SN1_V01 Datasheet
242Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BB121SN1 MURATA1-BLM18BB121SN1_V01 Datasheet
245Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BD182SZ1 MURATA1-BLM18BD182SZ1_V01 Datasheet
245Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BD151SN1 MURATA1-BLM18BD151SN1_V01 Datasheet
244Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BD152SN1 MURATA1-BLM18BD152SN1_V01 Datasheet
245Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM02BX241SN1 MURATA1-BLM02BX241SN1_V01 Datasheet
305Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/21/2022
BLM03BB750SN1 MURATA1-BLM03BB750SN1_V01 Datasheet
244Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
BLM03BC560SZ1 MURATA1-BLM03BC560SZ1_V01 Datasheet
245Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com