Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM15BD221SN1J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # BLM15BD221SN1J
Description  The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM15BD221SN1J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  BLM15BD221SN1J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM15BD221SN1J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM15BD221SN1J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
BLM15BD221SN1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM15BD221SN1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM15BD221SN1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/27/2022
< List of part numbers with package codes >
BLM15BD221SN1B
BLM15BD221SN1D
BLM15BD221SN1J
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
1000
D
180mm Paper Tape
10000
J
330mm Paper Tape
50000
Features
The chip ferrite beads BLM series is designed to
work nearly as a resistor at noise frequencies,
which greatly reduces the possibility of resonance and
leaves signal wave forms undistorted.
BLM series is effective in circuits without stable
ground lines because BLM series does not need a
connection to ground.
BLM_B series can minimize attenuation of the
signal waveform due to its sharp impedance
characteristics. Various impedances are available to
match signal frequency.
The nickel barrier structure of the external
electrodes provides excellent solder heat resistance.
1 of 3


Similar Part No. - BLM15BD221SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15BD221SN1J MURATA-BLM15BD221SN1J Datasheet
242Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM15B Series (0402 Size)
More results

Similar Description - BLM15BD221SN1J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD331SN1 MURATA1-BLM21BD331SN1_V01 Datasheet
324Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM15BD221SZ1 MURATA1-BLM15BD221SZ1_V01 Datasheet
247Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
BLM18BB471SZ1 MURATA1-BLM18BB471SZ1_V01 Datasheet
243Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BB750SN1 MURATA1-BLM18BB750SN1_V01 Datasheet
242Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BB121SN1 MURATA1-BLM18BB121SN1_V01 Datasheet
245Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BD182SZ1 MURATA1-BLM18BD182SZ1_V01 Datasheet
245Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BD151SN1 MURATA1-BLM18BD151SN1_V01 Datasheet
244Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM18BD152SN1 MURATA1-BLM18BD152SN1_V01 Datasheet
245Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
BLM02BX241SN1 MURATA1-BLM02BX241SN1_V01 Datasheet
305Kb / 3P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/21/2022
BLM03BB750SN1 MURATA1-BLM03BB750SN1_V01 Datasheet
244Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
BLM03BC560SZ1 MURATA1-BLM03BC560SZ1_V01 Datasheet
245Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com