Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLN Datasheet(PDF) 2 Page - Littelfuse

Part # NLN
Description  CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NLN Datasheet(HTML) 2 Page - Littelfuse

  NLN_V01 Datasheet HTML 1Page - Littelfuse NLN_V01 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWR-GARD® Fuse Datasheet
© 2022 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 022822
2 of 2
CLASS K5 – NLN/NLS SERIES (ONE-TIME) FUSES
CATALOG NUMBER
AMPERAGE
RATING
VOLTAGE RATING
INTERRUPT RATING
TOTAL CLEARING
I2T (A2s)
AC
DC
AC
DC
200 kA @ 600V
0NLS015.T
15
600
500
200 kA
20 kA
4940
0NLS030.T
30
600
500
200 kA
20 kA
21600
0NLS060.T
60
600
400
200 kA
20 kA
164000
0NLS100.V
100
600
600
200 kA
20 kA
158000
0NLS200.X
200
600
600
200 kA
20 kA
371000
0NLS400.X
400
600
500
200 kA
20 kA
1510000
0NLS600.X
600
600
500
200 kA
20 kA
6920000
CATALOG NUMBER
AMPERAGE
RATING
VOLTAGE RATING
INTERRUPT RATING
TOTAL CLEARING
I2T (A2s)
AC
DC
AC
DC
200 kA @ 250V
0NLN015.T
15
250
250
200 kA
20 kA
634
0NLN100.V
100
250
250
200 kA
20 kA
50000
0NLN200.X
200
250
250
200 kA
20 kA
260000
0NLN400.X
400
250
250
200 kA
20 kA
1510000
0NLN600.X
600
250
250
200 kA
20 kA
4846000
Electrical Specification chart
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.


Similar Part No. - NLN_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLN015 LITTELFUSE-NLN015 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
More results

Similar Description - NLN_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
Class K5 ??NLN/NLS Series (one-time) fuses
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
NLN/NLS Class K5 Fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
Stud-mounted fuses one-time
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
logo
Cooper Bussmann, Inc.
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com